Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402 Datasheet(PDF) 16 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 16 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 12Page - Microchip Technology SST38VF6402 Datasheet HTML 13Page - Microchip Technology SST38VF6402 Datasheet HTML 14Page - Microchip Technology SST38VF6402 Datasheet HTML 15Page - Microchip Technology SST38VF6402 Datasheet HTML 16Page - Microchip Technology SST38VF6402 Datasheet HTML 17Page - Microchip Technology SST38VF6402 Datasheet HTML 18Page - Microchip Technology SST38VF6402 Datasheet HTML 19Page - Microchip Technology SST38VF6402 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
©2015
DS-20005015B
08/15
16
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
The SST38VF6401/6402/6403/6404 devices provide Bypass Mode, which allows for reduced Program
and Erase command sequence lengths. In this mode, the SDP portion of Program and Erase com-
mand sequences are omitted. See “Bypass Mode” on page 17. for further details.
Common Flash Memory Interface (CFI)
The SST38VF6401/6402/6403/6404 contain Common Flash Memory Interface (CFI) information that
describes the characteristics of the device. In order to enter the CFI Query mode, the system can
either write a one-byte sequence using a standard CFI Query Entry command, or a three-bye
sequence using the SST CFI Query Entry command. A comparison of these two commands is shown
in Table 11. Once the device enters the CFI Query mode, the system can read CFI data at the
addresses given in Tables 13 through 16.
The system must write the CFI Exit command to return to Read mode. Note that the CFI Exit com-
mand is ignored during an internal Program or Erase operation. See Table 11 for software command
codes, Figures 17 and 18 for timing waveform, and Figures 27 and 28 for flowcharts.
Product Identification
The Product Identification mode identifies the devices as the SST38VF6401, SST38VF6402,
SST38VF6403, or SST38VF6404, and the manufacturer as SST. See Table 6 for specific address and
data information. Product Identification mode is accessed through software operations. The software
Product Identification operations identify the part, and can be useful when using multiple manufactur-
ers in the same socket. For details, see Table 11 for software operation, Figure 16 for the software ID
Entry and Read timing diagram, and Figure 27 for the software ID Entry command sequence flowchart.
While in Product Identification mode, the Read Block Protection Status command determines if a block
is protected. The status returned indicates if the block has been protected, but does not differentiate
between Volatile Block Protection and Non-Volatile Block Protection. See Table 11 for further details.
The Read-Irreversible Block-Lock Status command indicates if the Irreversible Block Command has
been issued. If DQ0 = 0, then the Irreversible Lock command has been previously issued.
In order to return to the standard Read mode, the software Product Identification mode must be exited.
The exit is accomplished by issuing the software ID Exit command sequence, which returns the device
to the Read mode. See Table 11 for software command codes, Figure 18 for timing waveform, and Fig-
ures 27 and 28 for flowcharts.
Table 6: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST38VF6401
0001H
536B
SST38VF6402
0001H
536A
SST38VF6403
0001H
536D
SST38VF6404
0001H
536C
T6.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com