Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF064B Datasheet(PDF) 56 Page - Microchip Technology

Part # SST26VF064B
Description  2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064B Datasheet(HTML) 56 Page - Microchip Technology

Back Button SST26VF064B Datasheet HTML 52Page - Microchip Technology SST26VF064B Datasheet HTML 53Page - Microchip Technology SST26VF064B Datasheet HTML 54Page - Microchip Technology SST26VF064B Datasheet HTML 55Page - Microchip Technology SST26VF064B Datasheet HTML 56Page - Microchip Technology SST26VF064B Datasheet HTML 57Page - Microchip Technology SST26VF064B Datasheet HTML 58Page - Microchip Technology SST26VF064B Datasheet HTML 59Page - Microchip Technology SST26VF064B Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
SST26VF064B / SST26VF064BA
DS20005119G-page 56
 2015 Microchip Technology Inc.
Microchip Technology Drawing C04-172A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Very, Very Thin Small Outline No-Lead (MN) - 6x8 mm Body [WDFN]
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
D
E2
D2
A3
e
L
E
N
1.27 BSC
0.20 REF
0.45
0.35
0.70
0.00
0.40
6.00 BSC
0.50
4.80 BSC
6.00 BSC
0.75
0.02
8.00 BSC
MILLIMETERS
MIN
NOM
8
0.55
0.45
0.80
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
3.
Notes:
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
(Also Called WSON)
2.
Terminal 1 visual index feature may vary, but must be located within the hatched area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com