Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032BA Datasheet(PDF) 55 Page - Microchip Technology

Part # SST26VF032BA
Description  2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF032BA Datasheet(HTML) 55 Page - Microchip Technology

Back Button SST26VF032BA Datasheet HTML 51Page - Microchip Technology SST26VF032BA Datasheet HTML 52Page - Microchip Technology SST26VF032BA Datasheet HTML 53Page - Microchip Technology SST26VF032BA Datasheet HTML 54Page - Microchip Technology SST26VF032BA Datasheet HTML 55Page - Microchip Technology SST26VF032BA Datasheet HTML 56Page - Microchip Technology SST26VF032BA Datasheet HTML 57Page - Microchip Technology SST26VF032BA Datasheet HTML 58Page - Microchip Technology SST26VF032BA Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
 2013-2016 Microchip Technology Inc.
DS20005218E-page 55
SST26VF032B / SST26VF032BA
TABLE 9-1:
REVISION HISTORY
Revision
Description
Date
A
•
Initial release of data sheet
Oct 2013
B
•
Updated “Features” on page 1
•
Revised “SPI Dual I/O Read” on page 22
•
Updated Figure 5-29 on page 31 and Figure 5-31 on page 32
•
Significantly revised Table 11-1 on page 58
Apr 2014
C
•
Revised “Product Description” on page 1
•
Added Part Markings
•
Added footnote to Table 7-4 on page 44
Feb 2015
D
•
Added 2.3-3.6V information throughout
•
Added Extended temperature range
•
Updated “Product Description” on page 1.
Jul 2015
E
•
Updated Note 1 in Table 5-6 on page 40
May 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com