Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF020A Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25WF020A
Description  2 Mbit 1.8V SPI Serial Flash
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020A Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25WF020A Datasheet HTML 17Page - Microchip Technology SST25WF020A Datasheet HTML 18Page - Microchip Technology SST25WF020A Datasheet HTML 19Page - Microchip Technology SST25WF020A Datasheet HTML 20Page - Microchip Technology SST25WF020A Datasheet HTML 21Page - Microchip Technology SST25WF020A Datasheet HTML 22Page - Microchip Technology SST25WF020A Datasheet HTML 23Page - Microchip Technology SST25WF020A Datasheet HTML 24Page - Microchip Technology SST25WF020A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005139E-page 21
SST25WF020A
6.5
DC Characteristics
TABLE 6-5:
DC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits
Test Conditions
Min
Typ1
1. Value characterized, not fully tested in production.
Max
Units
IDDR
Read Current
6
mA
CE#=0.1 VDD/0.9 VDD@25 MHz,
SO=open
IDDR2
Read Current
8
mA
CE#=0.1 VDD/0.9VDD@40 MHz,
SO=open
IDDW
Program and Erase Current
15
mA
CE#=VDD
ISB
Standby Current
50
μA
CE#=VDD, VIN=VDD or VSS
IDPD
Deep Power-Down
10
μA
CE#=VDD, VIN=VDD or VSS
ILI
Input Leakage Current
2
μAVIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
2
μAVOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
-0.3
0.3
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
VDD+0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 μA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 μA, VDD=VDD Min
TABLE 6-6:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Output Pin Capacitance
VOUT = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
TABLE 6-7:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
100,000
Cycles JEDEC Standard A117
Status Register Write Cycle
100,000
Cycles JEDEC Standard A117
TDR1
Data Retention
20
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com