Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF064C Datasheet(PDF) 13 Page - Microchip Technology

Part # SST25VF064C
Description  64 Mbit SPI Serial Dual I/O Flash
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF064C Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST25VF064C Datasheet HTML 9Page - Microchip Technology SST25VF064C Datasheet HTML 10Page - Microchip Technology SST25VF064C Datasheet HTML 11Page - Microchip Technology SST25VF064C Datasheet HTML 12Page - Microchip Technology SST25VF064C Datasheet HTML 13Page - Microchip Technology SST25VF064C Datasheet HTML 14Page - Microchip Technology SST25VF064C Datasheet HTML 15Page - Microchip Technology SST25VF064C Datasheet HTML 16Page - Microchip Technology SST25VF064C Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
©2015 Silicon Storage Technology, Inc.
DS20005036C
04/15
13
64 Mbit SPI Serial Dual I/O Flash
SST25VF064C
EOL Data Sheet
High-Speed Read (80 MHz)
The High-Speed Read instruction supporting up to 80 MHz Read is initiated by executing an 8-bit com-
mand, 0BH, followed by address bits A23-A0 and a dummy byte. CE# must remain active low for the
duration of the High-Speed Read cycle. See Figure 7 for the High-Speed Read sequence.
Following a dummy cycle, the High-Speed Read instruction outputs the data starting from the specified
address location. The data output stream is continuous through all addresses until terminated by a low
to high transition on CE#. The internal address pointer will automatically increment until the highest
memory address is reached. Once the highest memory address is reached, the address pointer will
automatically increment to the beginning (wrap-around) of the address space. For example, once the
data from address location 7FFFFFH is read, the next output is from address location 000000H.
Figure 7: High-Speed Read Sequence
1392 F07.0
CE#
SO
SI
SCK
ADD.
012 34 5 6 7 8
ADD.
ADD.
0B
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
X
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT
80
71 72
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com