Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25VF032B Datasheet(PDF) 4 Page - Microchip Technology

Part # SST25VF032B
Description  32 Mbit SPI Serial Flash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25VF032B Datasheet(HTML) 4 Page - Microchip Technology

  SST25VF032B Datasheet HTML 1Page - Microchip Technology SST25VF032B Datasheet HTML 2Page - Microchip Technology SST25VF032B Datasheet HTML 3Page - Microchip Technology SST25VF032B Datasheet HTML 4Page - Microchip Technology SST25VF032B Datasheet HTML 5Page - Microchip Technology SST25VF032B Datasheet HTML 6Page - Microchip Technology SST25VF032B Datasheet HTML 7Page - Microchip Technology SST25VF032B Datasheet HTML 8Page - Microchip Technology SST25VF032B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
©2015
DS20005071B
04/15
4
32 Mbit SPI Serial Flash
SST25VF032B
EOL Data Sheet
Pin Description
Figure 2: Pin Assignments for 8-Lead SOIC
Table 1: Pin Description
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock
input, while output data is shifted out on the falling edge of the clock input.
SI
Serial Data Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data Output To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
RY/BY#
Ready / Busy pin
Flash busy status pin in AAI mode if SO is configured as a hardware RY/BY#
pin.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low
for the duration of any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status reg-
ister.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without reset-
ting the device.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
T1.0 20005071
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1327 8-SOIC P1.0
Note: In AAI mode, the SO pin can act as a RY/BY# pin when configured as a ready/busy status pin. See “End-of-
Write Detection” on page 12. for details.
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1327 8-WSON P1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com