Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12LP19E Datasheet(PDF) 13 Page - Microchip Technology

Part # SST12LP19E
Description  2.4 GHz High-Gain, High-Efficiency Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST12LP19E Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST12LP19E_14 Datasheet HTML 9Page - Microchip Technology SST12LP19E_14 Datasheet HTML 10Page - Microchip Technology SST12LP19E_14 Datasheet HTML 11Page - Microchip Technology SST12LP19E_14 Datasheet HTML 12Page - Microchip Technology SST12LP19E_14 Datasheet HTML 13Page - Microchip Technology SST12LP19E_14 Datasheet HTML 14Page - Microchip Technology SST12LP19E_14 Datasheet HTML 15Page - Microchip Technology SST12LP19E_14 Datasheet HTML 16Page - Microchip Technology SST12LP19E_14 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
©2014
DS70005041D
08/14
13
2.4 GHz High-Gain, High-Efficiency Power Amplifier
SST12LP19E
Data Sheet
Figure 11:Dynamic EVM versus Output Power
Figure 12:Power Gain versus Output Power
1423 F19.0
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21
Output Power (dBm)
Dynamic EVM versus Output Power
2412 MHz
2442 MHz
2472 MHz
1423 F11.0
Power Gain versus Output Power
10
12
14
16
18
20
22
24
26
28
30
0123
45678
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Output Power (dBm)
Freq=2.412 GHz
Freq=2.442 GHz
Freq=2.472 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com