Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14-RSC241D2011105 Datasheet(PDF) 1 Page - E-SWITCH

Part # 14-RSC241D2011105
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

14-RSC241D2011105 Datasheet(HTML) 1 Page - E-SWITCH

  14-RSC241D2011105 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RSC241D2011-105
3:2
7/26/2016
14-RSC241D2011105
A
MJR
1
1
A
22410
NEW RELEASE
7/26/16
MJR
31.50
[1.240 in]
16.70
[.657 in]
18.50
[.728 in]
28.0 1.0
1.10 .04 in
[
]
2.0 1.0
.08 .04 in
[
]
7.8
[.307 in]
6.90
[.272 in]
6.30
[.248 in]
1.70
[.067 in]
12.00
[.472 in]
24.00
[.945 in]
27.10
[1.067 in]
SUGGESTED PANEL CUTOUT
POS.
1
POS.
2
1
2
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A 125VAC [cURus]
16A 250VAC [cURus]
3/4HP 250VAC [cURus]
16(4)A 250V~ 1E4 T85/55 [ENEC10, VDE]
10(2)A 250V~ 5E4 T85/55 [ENEC10, VDE]
20(8)A 250V~ 1E4 T125/55 [ENEC10, VDE]
5. MATERIAL:
CONTACT SURFACE: SILVER PLATED COPPER
TERMINAL: BRASS ALLOY w/SILVER PLATE
6. ELECTRICAL LIFE: 10,000 CYCLES MIN.
7. CONTACT RESISTANCE: 20 Milli-OHMS MAX.
8. OPERATING TEMP: -20 C TO 65 C [cURus]
-20 C TO 105 C [cURus]
-20 C TO 125 C [ENEC10, VDE]
9. DIELECTRIC STRENGTH: >1,000V AC 1MIN
10. LAMP VOLTAGE: 24V BULB
11.
DENOTES CRITICAL PARAMETER.
12. 2011/65/EU (ROHS) COMPLIANT.
13. LENS COLOR, CLEAR
HOUSING COLOR:
WHITE
ACTUATOR COLOR:
CLEAR
3
1
2
CIRCUIT: SPST
3
OFF - ON
27.20
[1.071 in]
12.10
[.476 in]
MARKING COLOR:
BLACK


Similar Part No. - 14-RSC241D2011105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RSC241D2013105 E-SWITCH-14-RSC241D2013105 Datasheet
79Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
More results

Similar Description - 14-RSC241D2011105

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com