Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM329LP Datasheet(PDF) 79 Page - ELM Electronics

Part # ELM329LP
Description  Fully configurable with AT commands
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM329LP Datasheet(HTML) 79 Page - ELM Electronics

Back Button ELM329LP Datasheet HTML 75Page - ELM Electronics ELM329LP Datasheet HTML 76Page - ELM Electronics ELM329LP Datasheet HTML 77Page - ELM Electronics ELM329LP Datasheet HTML 78Page - ELM Electronics ELM329LP Datasheet HTML 79Page - ELM Electronics ELM329LP Datasheet HTML 80Page - ELM Electronics ELM329LP Datasheet HTML 81Page - ELM Electronics ELM329LP Datasheet HTML 82Page - ELM Electronics ELM329LP Datasheet HTML 83Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 87 page
background image
Example Applications (continued)
ELM329L
79 of 87
ELM329L DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
>AT PP 0C SV 23
OK
> AT PP 0C ON
OK
That is all that is needed to reconfigure the
ELM329 for 115.2 kbps operation. This change stays
in effect through power downs and resets, but you can
change it again if you wish.
If you now reset the ELM329 (send AT Z or power
down then up), the ELM329 will begin operating at the
new rate of 115200 bps, rather than 38400 bps.
Change your software setting to also be 115200 bps,
and you should be communicating. If you go through
the calculations, you will note that the ELM329 baud
rate is actually off by about 0.8%, but modern UARTs
can typically handle rate errors of a few % without any
problems, so this is not an issue.
When working with the CP2102, we do caution
that it is very small and difficult to solder by hand, so
be prepared for that. Also, if you provide protection on
the data lines with transient voltage suppressors
(TVS’s), be careful when choosing devices, as some
exhibit a very large capacitance and will affect the
transmission of the USB data.
Our next circuit (Figure 14) shows one way to
interface a 5V ELM329 to circuits that operate at a
different voltage level. We show 3.3V as an example,
but it can actually be anything from 2.7V to 5.5V.
The circuit uses the ADuM1201 iCoupler chip from
Analog Devices (www.analog.com). In addition to
acting as a level translator, this device also provides
isolation (galvanic, to 2500 Vrms) between the two
sides. This is often desired in order to keep the vehicle
circuit completely separate from the computer circuit.
Typically, one might use a standard level shifter IC
to interface to 3.3V – for example the TXB0102 by
Texas Instruments (www.ti.com), or the ST2129 from
ST Microelectronics (www.st.com), but the ADuM1201
offers several other advantages. The main difference
is that it offers isolation, as mentioned, but it also can
be used with 2.7V to 5.5V on either side, it provides a
high output if the input side is unpowered, and it
typically uses less current and is much faster than
many opto-isolator solutions (the ‘1201 is capable of
data rates of 1 MHz or more). Of course there are a
couple disadvantages too. It does use current (almost
1 mA), so may be an issue if trying to reduce sleep
current to a minimum, and it does cost more than
devices like the TXB0102.
Many wireless modules (WiFi or Bluetooth®) use
serial interfaces just like what we have shown here for
the RS232 connections. Connecting to them should
not be very difficult if you follow the manufacturers
directions (and perhaps consider using devices like the
ADuM1201 or the TXB0102) if the supply voltages
differ. If you are considering using a Bluetooth
interface, you might read our ‘AN-04 ELM327 and
Bluetooth®’ application note first.
This has provided a few examples of how the
ELM329 integrated circuit might typically be used.
Hopefully it has been enough to get you started on
your way to many more. The next section shows how
you might be able to optimize these circuits to reduce
power consumption…
Figure 14. Connecting to a 3.3V System
7
9
10
11
12
13
14
15
16
17
18
19
20
21
+5V
n.c.
+5V
Tx
Rx
ADuM1201
Busy RTS
329
8
1
2
3
4
5
6
7
8
+5V
Tx
+3.3V
3.3V common
Rx
3.3V
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com