Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4600 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC4600
Description  28V Half-Bridge MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4600 Datasheet(HTML) 2 Page - Microchip Technology

  MIC4600 Datasheet HTML 1Page - Microchip Technology MIC4600 Datasheet HTML 2Page - Microchip Technology MIC4600 Datasheet HTML 3Page - Microchip Technology MIC4600 Datasheet HTML 4Page - Microchip Technology MIC4600 Datasheet HTML 5Page - Microchip Technology MIC4600 Datasheet HTML 6Page - Microchip Technology MIC4600 Datasheet HTML 7Page - Microchip Technology MIC4600 Datasheet HTML 8Page - Microchip Technology MIC4600 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MIC4600
DS20005584A-page 2
 2016 Microchip Technology Inc.
Typical Application Circuit
Functional Block Diagram
MIC4600
3x3 VQFN
+
CONTROLLER
VDD
VDD
AVDD
EN
FAULT
HSI
LSI
EN
FAULT
HSI
LSI
UVLO
D1
MIC4600
LINEAR
REGULATOR
VIN
BST
SW
AGND
AGND
DH
DL
DELAY
ANTI-SHOOT THRU
VDD
PGND
V
IN
4.5V TO 28V
4.7µF
0.1µF
C
BST
33µF
Lo
4.0µH
V
OUT
3.3V/10A
R1
10K
R2
3.24K
100µF
CONTROL
LOGIC
TIMER
1.0µF
105K
FB
100K
EN
FAULT
HSI
LSI
UVLO
MIC4600
LINEAR
REGULATOR
VIN
BST
SW
AGND
AGND
DH
DL
DELAY
ANTI-SHOOT THRU
VDD
PGND
CONTROL
LOGIC
TIMER
AVDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com