Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1871 Datasheet(PDF) 5 Page - Microchip Technology

Part # IS1871
Description  Bluetooth짰 Low Energy (BLE) SoC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS1871 Datasheet(HTML) 5 Page - Microchip Technology

  IS1871 Datasheet HTML 1Page - Microchip Technology IS1871 Datasheet HTML 2Page - Microchip Technology IS1871 Datasheet HTML 3Page - Microchip Technology IS1871 Datasheet HTML 4Page - Microchip Technology IS1871 Datasheet HTML 5Page - Microchip Technology IS1871 Datasheet HTML 6Page - Microchip Technology IS1871 Datasheet HTML 7Page - Microchip Technology IS1871 Datasheet HTML 8Page - Microchip Technology IS1871 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
 2015-2016 Microchip Technology Inc.
DS60001371C-Page 5
IS1870/71
1.0
DEVICE OVERVIEW
Microchip Technology IS1870/71 embedded 2.4 GHz
Bluetooth version 4.2 (BLE) SoC incorporates, 2.4 GHz
transceiver, Power Management Unit (PMU), Bluetooth
LE stack and RF power amplifier. The user can embed
the Bluetooth functionality to IoT applications.
The IS1870/71 is cost effective and designed to provide
developers a simple Bluetooth solution with the following fea-
tures:
• Simple integration and programming
• Reduced development time
• Superior BLE solution with low-cost system
• Interoperability with Apple® iOS and Android™
OS
• Wide range of applications
The IS1870/71 supports Beacon technology and
improves user experiences in IoT applications, such as
auto connection/control and cloud connectivity.
The IS1870/71 can maintain a low-power wireless con-
nection. The low-power consumption and flexible
power management maximizes the IS1870/71 lifetime
in battery operated devices. A wide operating tempera-
ture range allows use in indoor and outdoor environ-
ments (industrial temperature range).
The small-form factor package size of the IS1870/71 is
designed for wearable applications. The solution pro-
viders can minimize the module size to meet the mar-
ket requirement. The IS187x SoC is designed for the
application-enabled accessories and IoT applications.
Operating in the 2.4 GHz ISM band radio, the
IS1870/71 is certified for the Bluetooth core specifica-
tion version 4.2 including support for the enhanced
throughput, and the Federal Information Processing
Standard (FIPS) compliant encryption support for
secure data connections.
The IS1870/71 integrates transceiver and baseband
functions to decrease the external components. A free
Bluetooth stack firmware is provided for building
embedded BLE solutions that use the IS1870/71 SoC.
For portable and wearable applications, the IS1870/71
SoC’s optimized power design helps to minimize cur-
rent consumption for extended battery life and it mini-
mizes the module size to as small as possible.
Figure 1-1 and Figure 1-2 illustrate a typical example of
the IS1870 and IS1871 system block diagrams.
Table 1-1 provides key features of the IS1870/71 SoC.
FIGURE 1-1:
IS1870-BASED SYSTEM BLOCK DIAGRAM
IS1870SF_IS1871SF.book Page 5 Thursday, March 31, 2016 10:29 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com