Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CS-X Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # LP2951CS-X
Description  Battery Powered Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

LP2951CS-X Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  LP2951CS-X Datasheet HTML 1Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 2Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 3Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 4Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 5Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 6Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 7Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 8Page - Advanced Monolithic Systems LP2951CS-X Datasheet HTML 9Page - Advanced Monolithic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
LP2950/LP2951
Monolithic
100mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
• 5V, 3.3V, and 3V Versions at 100mA Output Current
• Battery Powered Systems
• High Accuracy Output Voltage
• Portable Consumer Equipment
• Extremely Low Quiescent Current
• Cordless Telephones
• Low Dropout Voltage
• Portable (Notebook) Computers
• Extremely Tight Load and Line Regulation
• Portable Instrumentation
• Very Low Temperature Coefficient
• Radio Control Systems
• Current and Thermal Limiting
• Automotive Electronics
• Needs Minimum Capacitance (1µF) for Stability
• Avionics
• Unregulated DC Positive Transients 60V
• Low-Power Voltage Reference
ADDITIONAL FEATURES (LP2951 ONLY)
• 1.24V to 29V Programmable Output
• Error Flag Warning of Voltage Output Dropout
• Logic Controlled Electronic Shutdown
GENERAL DESCRIPTION
The LP2950 and LP2951 are micropower voltage regulators ideally suited for use in battery-powered systems. These devices
feature very low quiescent current (typ.75µA), and very low dropout voltage (typ.45mV at light loads and 380mV at 100mA)
thus prolonging battery life. The quiescent current increases only slightly in dropout. The LP2950/LP2951 has positive
transient protection up to 60V and can survive unregulated input transient up to 20V below ground.
The LP2950 and LP2951 were designed to include a tight initial tolerance (typ. 0.5%), excellent load and line regulation (typ.
0.05%), and a very low output voltage temperature coefficient, making these devices useful as a low-power voltage reference.
The LP2950 is offered in the 3-pin TO-92 package. LP2951 is available in 8-pin plastic SOIC and DIP packages and offers
three major additional system features. An error flag output warns of a low output voltage, often due to failing batteries on
input. The LP2951 also features the logic-compatible shutdown input which enables the regulator to be switched on and off.
The LP2951 device may be pin-strapped for a 5V, 3.3V, or 3V output, or programmed from 1.24V to 29V with an external
pair of resistors.
ORDERING INFORMATION
PIN CONNECTION
PACKAGE TYPE
OPERATING
TO-92
8 LEAD PDIP
8 LEAD SOIC
TEMP. RANGE
LP2950ACN-X LP2951ACP-X
LP2951ACS-X
IND.
LP2950CN-X
LP2951CP-X
LP2951CS-X
IND
X = 3.3V, or 3V
8L SOIC/ 8L PDIP
1
2
8
4
3
7
5
6V
TAP
ERROR
FEEDBACK
OUTPUT
SENSE
SHUTDOWN
INPUT
GROUND
Top View
TO-92
OUTPUT
INPUT
GND
Bottom View


Similar Part No. - LP2951CS-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2951CS-X ADMOS-LP2951CS-X Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2951CS-X CALOGIC-LP2951CS-X Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2951CS-X ADMOS-LP2951CS-X Datasheet
137Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LP2951CS-X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Advanced Monolithic Sys...
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com