Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9989 Datasheet(PDF) 13 Page - Microchip Technology

Part # HV9989
Description  Three-Channel CCM/DCM Boost LED Driver with Sub-Microsecond PWM Dimming
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9989 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HV9989 Datasheet HTML 9Page - Microchip Technology HV9989 Datasheet HTML 10Page - Microchip Technology HV9989 Datasheet HTML 11Page - Microchip Technology HV9989 Datasheet HTML 12Page - Microchip Technology HV9989 Datasheet HTML 13Page - Microchip Technology HV9989 Datasheet HTML 14Page - Microchip Technology HV9989 Datasheet HTML 15Page - Microchip Technology HV9989 Datasheet HTML 16Page - Microchip Technology HV9989 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2014 Microchip Technology Inc.
DS20005296B-page 13
HV9989
3.13
Input-Output Voltage Comparator
The HV9989 includes a circuit for detecting any of the
three boost converter output voltages falling below the
input voltage. The input voltage is monitored at the
VIN_SNS input using a resistor divider having the
same ratio as the OVP1-3 resistor dividers. An open-
drain FLG output reports a high impedance state when
the voltage at either of the OVP1-3 inputs falls below
VIN_SNS. The FLG output recovers into the low-
impedance state when the faulty OVP input voltage
becomes greater than VIN_SNS by a 55mV hysteresis.
A pull-up resistor should be added at FLG. The FLG
output can sink up to 1.0mA.
FIGURE 3-5:
TIMER CIRCUIT
S
R
Q
Fault
+
-
+
-
Fault
FCA
DIS
SKIP
POR
SCDA
SCDB
SCDC
0.1V
5.0V
10µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com