Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701MPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7701MPWREP
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7701MPWREP Datasheet(HTML) 3 Page - Texas Instruments

  TLC7701MPWREP Datasheet HTML 1Page - Texas Instruments TLC7701MPWREP Datasheet HTML 2Page - Texas Instruments TLC7701MPWREP Datasheet HTML 3Page - Texas Instruments TLC7701MPWREP Datasheet HTML 4Page - Texas Instruments TLC7701MPWREP Datasheet HTML 5Page - Texas Instruments TLC7701MPWREP Datasheet HTML 6Page - Texas Instruments TLC7701MPWREP Datasheet HTML 7Page - Texas Instruments TLC7701MPWREP Datasheet HTML 8Page - Texas Instruments TLC7701MPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
1.1 V
R2‡
R1(2)
RESET(1)
RESET(1)
VDD
GND
8
6
5
4
RESIN
CONTROL
SENSE
CT
3
1
2
7
1 MΩ
50 µA
RESET
Output
Output
Undefined
VDD and VI(SENSE)
td
Threshold Voltages
Vres
VIT-
VIT+
td
t
t
VIT+
TLC7701-EP, TLC7705-EP, TLC7733-EP
www.ti.com
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
FUNCTIONAL BLOCK DIAGRAM
(1)
Outputs are totem-pole configuration. External pullup or pulldown resistors are not required.
(2)
Nominal values:
R1 (Typ)
R2 (Typ)
TLC7701
0
∞
TLC7705
910 k
Ω
290 k
Ω
TLC7733
750 k
Ω
450 k
Ω
TIMING DIAGRAM
Copyright
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com