Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41A-RDS Datasheet(PDF) 1 Page - Cree, Inc

Part # CP41A-RDS
Description  Cree P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41A-RDS Datasheet(HTML) 1 Page - Cree, Inc

  CP41A-RDS Datasheet HTML 1Page - Cree, Inc CP41A-RDS Datasheet HTML 2Page - Cree, Inc CP41A-RDS Datasheet HTML 3Page - Cree, Inc CP41A-RDS Datasheet HTML 4Page - Cree, Inc CP41A-RDS Datasheet HTML 5Page - Cree, Inc CP41A-RDS Datasheet HTML 6Page - Cree, Inc CP41A-RDS Datasheet HTML 7Page - Cree, Inc CP41A-RDS Datasheet HTML 8Page - Cree, Inc CP41A-RDS Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree® P4 LED
CP41A-RDS/ADS
CP41A-RFS/AFS
CP41A-RHS/AHS
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
FEATURES
• Size (mm): 7.6 x 7.6
• Color and Typical Dominant
Wavelength:
Red (624nm)
Amber(591nm)
• Luminous Flux (mlm)
CP41A-RDS:(4400-8730)
CP41A-RFS:(4400-8730)
CP41A-RHS:(4400-8730)
CP41A-ADS:(4400-11000)
CP41A-AFS:(4400-11000)
CP41A-AHS:(4400-11000)
• Lead - Free
• RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
•ChannelLetter
•Amusement
PRODUCT DESCRIPTION
This revolutionary package design
allows the lighting designer to reduce
the number of LEDs required and
provide a more uniform and unique
illuminated appearance than with
other LED solutions.
Thisispossiblethroughtheefficient
optical-package design and high-
current capabilities. The low-profile
package can be easily coupled with
reflectors or lenses to efficiently
distribute light and provide the
desired lit appearance. This product
family employs green and blue LED
materials, which allows designers
to match the color of many lighting
applications such as vehicle signal
lamps and amusement lighting.


Similar Part No. - CP41A-RDS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP41A-PDS CREE-CP41A-PDS Datasheet
779Kb / 9P
Cree짰 P4 LED
CP41A-PDS-CL0N0JJ4 CREE-CP41A-PDS-CL0N0JJ4 Datasheet
779Kb / 9P
Cree짰 P4 LED
CP41A-PDS-CM0N0JJ4 CREE-CP41A-PDS-CM0N0JJ4 Datasheet
779Kb / 9P
Cree짰 P4 LED
CP41A-PFS CREE-CP41A-PFS Datasheet
779Kb / 9P
Cree짰 P4 LED
CP41A-PFS-CL0P0JJ4 CREE-CP41A-PFS-CL0P0JJ4 Datasheet
779Kb / 9P
Cree짰 P4 LED
More results

Similar Description - CP41A-RDS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LP377PBG1-60G-03 CREE-LP377PBG1-60G-03 Datasheet
335Kb / 5P
P4 LED
LP377PBL1-60G-03 CREE-LP377PBL1-60G-03 Datasheet
334Kb / 5P
P4 LED
LP377THR1-70G-01 CREE-LP377THR1-70G-01 Datasheet
334Kb / 5P
P4 LED
LP377THR1-A0G CREE-LP377THR1-A0G Datasheet
336Kb / 5P
P4 LED
LP379PBG1-C0G-03 CREE-LP379PBG1-C0G-03 Datasheet
324Kb / 5P
P4 LED
LP476PBL1-90G-03 CREE-LP476PBL1-90G-03 Datasheet
318Kb / 5P
P4 LED
LP476PPG1-90G-03 CREE-LP476PPG1-90G-03 Datasheet
335Kb / 5P
P4 LED
LP476PWN1-90G CREE-LP476PWN1-90G Datasheet
362Kb / 6P
P4 LED
CP41B-WES CREE-CP41B-WES_2 Datasheet
651Kb / 9P
P4 LED
logo
Marktech Corporate
CP41B-WES MARKTECH-CP41B-WES_15 Datasheet
651Kb / 9P
P4 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com