Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41A-RFS Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41A-RFS
Description  Cree P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41A-RFS Datasheet(HTML) 3 Page - Cree, Inc

  CP41A-RFS Datasheet HTML 1Page - Cree, Inc CP41A-RFS Datasheet HTML 2Page - Cree, Inc CP41A-RFS Datasheet HTML 3Page - Cree, Inc CP41A-RFS Datasheet HTML 4Page - Cree, Inc CP41A-RFS Datasheet HTML 5Page - Cree, Inc CP41A-RFS Datasheet HTML 6Page - Cree, Inc CP41A-RFS Datasheet HTML 7Page - Cree, Inc CP41A-RFS Datasheet HTML 8Page - Cree, Inc CP41A-RFS Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree P4 LED
CP41A-RDS/ADS
CP41A-RFS/RFS
CP41A-RHS/AHS
•Toleranceofmeasurementofluminousfluxis±15%
•Toleranceofmeasurementofdominantwavelengthis±1nm
VF BIN LIMIT (I
F = 70 mA)
• ToleranceofmeasurementofVFis±0.05V.
CP41A-RDS/RFS/RHS (40/70/100 degree)
Bin Code
Min.(mlm) Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
Red
Amber
Amber
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2
Red
Bin Code
Min.(nm)
Max.(nm)
RJ
620
630
Amber
Bin Code
Min.(nm)
Max.(nm)
A3
587
590
A4
590
593
A5
593
596
FLUX BIN LIMIT (I
F = 70 mA)
COLOR BIN LIMIT (I
F = 70 mA)
Red
Bin Code
Min.(V)
Max.(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
28
3.0
3.2
CP41A-ADS/AFS/AHS (40/70/100 degree)
Bin Code
Min.(mlm) Max.(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com