Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS2931CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS2931CS
Description  Battery Powered Systems
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2931CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS2931CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 8Page - Advanced Monolithic Systems AMS2931CS Datasheet HTML 9Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.advanced-monolithic.com
updated April 24, 2009
Advanced
AMS2931
Monolithic
100mA LOW DROPOUT VOLTAGE REGULATOR
Systems
RoHS compliant
FEATURES
APPLICATIONS
•
••
• Fixed and Ajustable Versions Available
•
••
• Battery Powered Systems
•
••
• Output Current in excess of 100mA
•
••
• Portable Consumer Equipment
•
••
• Very Low Quiescent Current
•
••
• Cordless Telephones
•
••
• Reverse Battery Protection
•
••
• Portable (Notebook) Computers
•
••
• Input-output Differential less than 0.6V
•
••
• Portable Instrumentation
•
••
• Short Circuit protection
•
••
• Radio Control Systems
•
••
• Internal Thermal Overload Protection
•
••
• Automotive Electronics
•
••
• 60V Load Dump Protection
•
••
• -50V Reverse Transient Protection
•
••
• Mirror Image Insertion Protection
GENERAL DESCRIPTION
The AMS2931 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered
systems. These devices feature very low quiescent current of 1mA or less when supplying 10mA loads. This unique
characteristic and the extremely low input -output differential required for proper regulation (0.2V for output currents of 10mA)
make the AMS2931 ideal to use for standby power systems.
Originally designed for automotive applications, the AMS2931 and all regulated circuitry are protected from input fault
conditions caused by reverse battery installation or two battery jump starts. During line transients, such as load dump (60V)
when the input voltage to the regulator can momentarily exceed the specified maximum operating voltage, the regulator will
automatically shut down to protect both internal circuits and the load. The AMS2931 series also includes internal current
limiting, thermal shutdown, and is able to withstand temporary power-up with mirror-image insertion.
The AMS2931 is offered in the 3-pin TO-92 package, 8-pin plastic SOIC, TO-220 and TO-263 packages.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
OPER. TEMP
VOLTAGE
TO-92
8 LEAD SOIC
TO-220
TO-263
RANGE
FIXED*
AMS2931AN-X
AMS2931AS-X
AMS2931AT-X
AMS2931AM-X
-40ºC to +85ºc
AMS2931N-X
AMS2931S-X
AMS2931T-X
AMS2931M-X
-40ºC to +85ºc
ADJ.
AMS2931CS
-40ºC to +85ºc
X = 2.0V, 2.5V, 3.0V, 3.3V, 3.5V, 4.0V, 5.0V
*For additional available fixed voltages contact factory


Similar Part No. - AMS2931CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2931CS ADMOS-AMS2931CS Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
AMS2931CS ADMOS-AMS2931CS Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS2931CS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Advanced Monolithic Sys...
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com