Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMS285-2.5CS Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS285-2.5CS
Description  Battery Powered Systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS285-2.5CS Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS285-2.5CS Datasheet HTML 1Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 2Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 3Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 4Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 5Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 6Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 7Page - Advanced Monolithic Systems AMS285-2.5CS Datasheet HTML 8Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
Advanced
AMS285-2.5/AMS385-2.5
Monolithic
MICROPOWER VOLTAGE REFERENCE DIODE
Systems
RoHS compliant
FEATURES
APPLICATIONS
• ±20 mV (±0.8%) max. initial tolerance (A grade)
• Battery Powered Systems
• Operating Current 20µA to 20mA
• Instrumentation
• Low Voltage Reference 2.5V
• A/D, D/A Converters
• Max. 0.6Ω Dynamic Impedance (A grade)
• Temperature measurement
• Low Temperature Coefficient
• Current sources
• 1.2V Device and Adjustable Device also available
• Notebook/Personal Computer
AMS285-1.2 and AMS285 series, respectively
• Monitors/ VCR/ TV
AMS385-1.2 and AMS385 series.
• Pagers
GENERAL DESCRIPTION
The AMS285-2.5/AMS385-2.5 are two-terminal micropower band-gap voltage reference diodes. They feature a very low
dynamic impedance and good temperature coefficient, operating over a 20µA to 20mA current range. On-chip trimming is
used to provide tight voltage tolerance. Since the AMS285-2.5/AMS385-2.5 is a band-gap reference, uses only transistors and
resistors, low noise and good long term stability result. Careful design of the AMS285-2.5/AMS385-2.5 has made the device
exceptionally tolerant of capacitive loading, making it easy to use in almost any reference application. The wide dynamic
operating range allows its use with widely varying supplies with excellent regulation. The extremely low power drain of the
AMS285-2.5/AMS385-2.5 makes these reference diodes useful for micropower circuitry. These voltage references can be used
to make portable meters, regulators or general purpose analog circuitry with battery life approaching shelf life. Further more,
the wide operating current allows it to replace older references with a tight tolerance part.
The AMS285-2.5 is operational in the full industrial temperature range of -40
°C to 85°C while AMS385-2.5 is operating over
a 0
°C to 70°C temperature range. The AMS285-2.5/AMS385-2.5 are available in TO-92, SO-8 and SOT-89 packages.
ORDERING INFORMATION:
TOL.
PACKAGE TYPE
OPERATING
TO-92
8 LEAD SOIC
SOT-89
TEMPERATURE RANGE
±
20mV
AMS285-2.5AN
AMS285-2.5AS
AMS285-2.5AL
-40 to 85
° C
±
38mV
AMS285-2.5BN
AMS285-2.5BS
AMS285-2.5BL
-40 to 85
° C
±
75mV
AMS285-2.5CN
AMS285-2.5CS
AMS285-2.5CL
-40 to 85
° C
±
20mV
AMS385-2.5AN
AMS385-2.5AS
AMS385-2.5AL
0 to 70
° C
±
38mV
AMS385-2.5BN
AMS385-2.5BS
AMS385-2.5BL
0 to 70
° C
±
75mV
AMS385-2.5CN
AMS385-2.5CS
AMS385-2.5CL
0 to 70
° C


Similar Part No. - AMS285-2.5CS

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285-2.5CS AMS-AMS285-2.5CS Datasheet
172Kb / 8P
MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AMS285-2.5CS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
System PMIC for Battery Powered Systems
logo
Advanced Monolithic Sys...
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
Battery Powered Systems
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com