Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3647IM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3647IM
Description  Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3647IM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3647IM Datasheet HTML 4Page - National Semiconductor (TI) LM3647IM Datasheet HTML 5Page - National Semiconductor (TI) LM3647IM Datasheet HTML 6Page - National Semiconductor (TI) LM3647IM Datasheet HTML 7Page - National Semiconductor (TI) LM3647IM Datasheet HTML 8Page - National Semiconductor (TI) LM3647IM Datasheet HTML 9Page - National Semiconductor (TI) LM3647IM Datasheet HTML 10Page - National Semiconductor (TI) LM3647IM Datasheet HTML 11Page - National Semiconductor (TI) LM3647IM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
www.national.com
nection between RESET and SYSOK is optional but highly
recommended for safe operation of the LM3647.
4.3.5 Dimensioning the RCIN circuitry
The RC-circuitry is designed to time the charger so it charges
and regulates at the correct frequency. The values of the R
and C are important, because a change in the RC-value
gives a higher or lower operating frequency which affects
charge quality. The capacitance should be a ceramic type
and preferably an NP0 type, which gives the least frequency
deviation with temperature change.
4.3.6 Dimensioning the DISCHARGE circuitry
The discharge-circuitry controls the discharge rate during the
discharge phase (if used). The discharge output turns on the
transistor Q2, and a current flows from the battery through
the discharge resistor R8. The current through R8 depends
on battery voltage and the value of R8. This value depends
on the maximum discharge rate for the battery-pack. The ap-
proximate value can be calculated using the formula below:
The resistor R7 keeps the transistor Q2 off until the LM3647
has been powered up and is in control of the circuitry.
4.3.7 BUZZER output circuitry
The buzzer-circuitry turns the transistor Q3 on when the
buzzer should sound. If the current consumption for the buzz-
er is lower than 0.3mA then the buzzer may be directly con-
nected to the BUZZER-pin. Please note that the BUZZER-
pin does not generate a PWM-signal, such buzzers must
have their own drive-circuitry. If an electromagnetic buzzer is
used, then the transistor may need a reverse-biased diode to
protect it from harmful voltage spikes.
4.3.8 PWM filter circuitry
The PWM-pin can either output a fast PWM-signal, or a slow
on/off output (for controlling external constant current source,
Ni-Cd/Ni-MH mode only).
Fast PWM-mode:
The RC-network R6, C9 and R5, C1||C2 lowpass-filters the
PWM-signal from the LM3647 to a DC-level that is fed into
the operational amplifier. The resistor R22 is required to pre-
vent DC-output before the LM3647 has control of the RC-net-
works.
R8
MaximumBatteryVoltage
MaximumDisch
eRate
arg
-------------------------------------------------------------------
≈
Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com