Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS2062 Datasheet(PDF) 9 Page - Microchip Technology

Part # IS2062
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2062 Datasheet(HTML) 9 Page - Microchip Technology

Back Button IS2062 Datasheet HTML 5Page - Microchip Technology IS2062 Datasheet HTML 6Page - Microchip Technology IS2062 Datasheet HTML 7Page - Microchip Technology IS2062 Datasheet HTML 8Page - Microchip Technology IS2062 Datasheet HTML 9Page - Microchip Technology IS2062 Datasheet HTML 10Page - Microchip Technology IS2062 Datasheet HTML 11Page - Microchip Technology IS2062 Datasheet HTML 12Page - Microchip Technology IS2062 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 9
IS2062/64
25
I
AMB_DET
Analog input for ambient temperature detection
26
P
SAR_VDD
SAR 1.8V input; connect to BK_O pin
27
P
SYS_PWR
Power output from BAT_IN or ADAP_IN for IS2062
only
28
P
BK_VDD
1.8V buck VDD power Input; connect to SYS_PWR pin
29
P
BK_LX
1.8V buck PWM/PFM output
30
P
BK_O
1.8V buck feedback input
31
I
MFB
• Multi-function button and power-on key
• UART RX IND, active-high
32
I
LED1
LED driver 1
33
I
LED2
LED driver 2
34
I/O
P0_0
Configurable control or indication pin
(Internally pulled up if configured as an input)
• Slide Switch Detector, active-low
• UART TX_IND, active-low
35
I/O
P0_3
Configurable control or indication pin
(Internally pulled up if configured as an input)
• REV key (default), active-low
• Buzzer signal output
• Out_Ind_2
• Class1 Rx Control signal of external RF T/R
switch, active-high
36
I
EAN
System configuration pin along with the P2_4 and P2_0
pins can be used to set the SoC in any one of the fol-
lowing modes:
• Application mode (for normal operation)
• Test mode (to change EEPROM values)
• Write Flash mode (to load a new firmware into the
SoC), see Table 6-1
37
P
CLDO_O
1.2V core LDO output
38
P
PMIC_IN
1.8V power input for internal blocks; connect to BK_O
(pin # 30)
39
P
RFLDO_O
1.28V RF LDO output
40
P
VBG
Bandgap output reference for decoupling interference
41
P
ULPC_VSUS
ULPC 1.2V output power
42
I
XO_N
16 MHz crystal input negative
43
I
XO_P
16 MHz crystal input positive
44
P
VCC_RF
RF power input (1.28V) for both synthesizer and Tx/Rx
block
45
I/O
RTX
RF path (transmit/receive)
46
I
P0_2
Configurable control or indication pin
(Internally pulled up if configured as an input)
Play/Pause key (default), active-low
TABLE 1-2:
IS2062 SOC PIN DESCRIPTIONS (CONTINUED)
Pin No
Pin Type
Name
Description
IS2062_64.book Page 9 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com