Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3086 Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD3086
Description  General Purpose NPN Transistor Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD3086 Datasheet(HTML) 3 Page - Intersil Corporation

  CD3086 Datasheet HTML 1Page - Intersil Corporation CD3086 Datasheet HTML 2Page - Intersil Corporation CD3086 Datasheet HTML 3Page - Intersil Corporation CD3086 Datasheet HTML 4Page - Intersil Corporation CD3086 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-29
Low-Frequency, Small-Signal Equivalent-
Circuit Characteristics:
f = 1kHz,VCE = 3V, IC = 1mA
Forward Current-Transfer Ratio
(Figure 6)
hFE
100
-
Short-Circuit Input Impedance
(Figure 6)
hIE
3.5
k
Ω
Open-Circuit Output Impedance
(Figure 6)
hOE
15.6
µS
Open-Circuit Reverse-Voltage
Transfer Ratio (Figure 6)
hRE
1.8 X 10-4
-
Admittance Characteristics:
f = 1MHz,VCE = 3V, lC = 1mA
Forward Transfer Admittance
(Figure 7)
yFE
31 - j1.5
mS
Input Admittance (Figure 8)
yIE
0.3 + j0.04
mS
Output Admittance (Figure 9)
yOE
0.001 + j0.03
mS
Reverse Transfer Admittance
(Figure 10)
yRE
See Figure 10
-
Gain-Bandwidth Product (Figure 11)
fT
VCE = 3V, IC = 3mA
550
MHz
Emitter-to-Base Capacitance
CEBO
VEB = 3V, IE = 0
0.6
pF
Collector-to-Base Capacitance
CCBO
VCB = 3V, IC = 0
0.58
pF
Collector-to-Substrate Capacitance
CClO
VC l = 3V, IC = 0
2.8
pF
Electrical Specifications
TA = 25
oC, Typical Values Intended Only for Design Guidance (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
Typical Performance Curves
FIGURE 1. ICBO vs TEMPERATURE
FIGURE 2. ICEO vs TEMPERATURE
102
10-1
10
1
10-2
10-3
10-4
0
25
50
75
100
125
TEMPERATURE (oC)
VCB = 15V
VCB = 10V
VCB = 5V
IE = 0
102
10-1
10
1
10-2
10-3
0
25
50
75
100
125
TEMPERATURE (oC)
IB = 0
VCE = 10V
VCE = 5V
103
CA3086



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com