Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECP103D Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # ECP103D
Description  1 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ECP103D Datasheet(HTML) 2 Page - WJ Communication. Inc.

  ECP103D Datasheet HTML 1Page - WJ Communication. Inc. ECP103D Datasheet HTML 2Page - WJ Communication. Inc. ECP103D Datasheet HTML 3Page - WJ Communication. Inc. ECP103D Datasheet HTML 4Page - WJ Communication. Inc. ECP103D Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
October 2004 Rev 1
ECP103
1 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge TM
Typical Device Data – ECP103G (Soic-8 Package)
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 C, calibrated to device leads)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain and Maximum Stable Gain
-10
-5
0
5
10
15
20
25
30
35
40
DB(|S[2,1]|)
DB(GMax)
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
5.05GHz
Swp Min
0.05GHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
5.05GHz
Swp Min
0.05GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance loss plots are shown from 0.05 – 5.05 GHz, with markers placed in 0.5 GHz increments.
S-Parameters (Vcc = +5 V, Icc = 450 mA, T = 25 C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-1.23
-177.95
24.07
122.55
-40.25
17.32
-1.26
-130.4
100
-1.01
178.17
19.55
116.55
-39.49
10.63
-1.33
-155.43
200
-1.01
172.63
15.55
112.97
-40.13
15.98
-1.17
-169.92
400
-1.03
163.72
12.03
98.68
-38.83
10.31
-0.93
179.61
600
-1.21
155.20
9.86
85.80
-39.30
-4.249
-0.66
173.43
800
-1.34
146.17
8.11
73.18
-37.70
-2.398
-0.83
168.67
1000
-1.52
136.69
6.92
61.43
-37.73
-16.27
-0.95
166.34
1200
-2.00
126.65
6.13
49.60
-37.14
-14.34
-1.05
165.13
1400
-2.65
115.04
5.80
37.55
-36.23
-28.50
-1.04
164.55
1600
-3.86
97.52
6.01
21.48
-36.45
-46.08
-1.11
166.24
1800
-6.72
86.05
6.17
1.700
-34.63
-68.99
-1.10
164.44
2000
-14.09
94.99
6.15
-23.83
-35.91
-100.68
-1.00
162.35
2200
-9.98
166.89
4.98
-52.92
-36.75
-147.66
-0.77
158.42
2400
-4.27
157.68
2.52
-80.08
-39.10
171.86
-0.79
154.12
2600
-2.13
142.95
-0.42
-100.8
-37.80
123.26
-0.81
149.03
2800
-1.24
130.88
-3.40
-116.44
-38.58
89.55
-0.84
144.09
3000
-0.82
120.68
-6.09
-128.99
-39.37
67.22
-0.92
138.4
Application Circuit PC Board Layout
Circuit Board Material: Top RF layer is .014” Getek, 4 total layers (0.062” thick) for mechanical rigidity
1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning shunt
capacitors – C8 and C9. The markers and vias are spaced in .050” increments.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com