Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V62 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V62
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V62 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V62 Datasheet HTML 1Page - Microchip Technology MCP6V62 Datasheet HTML 2Page - Microchip Technology MCP6V62 Datasheet HTML 3Page - Microchip Technology MCP6V62 Datasheet HTML 4Page - Microchip Technology MCP6V62 Datasheet HTML 5Page - Microchip Technology MCP6V62 Datasheet HTML 6Page - Microchip Technology MCP6V62 Datasheet HTML 7Page - Microchip Technology MCP6V62 Datasheet HTML 8Page - Microchip Technology MCP6V62 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2014-2015 Microchip Technology Inc.
DS20005367B-page 1
MCP6V61/1U/2/4
Features
• High DC Precision:
-VOS Drift: ±15 nV/°C (maximum, VDD =5.5V)
-VOS: ±8 µV (maximum)
-AOL: 125 dB (minimum, VDD =5.5V)
- PSRR: 117 dB (minimum, VDD =5.5V)
- CMRR: 120 dB (minimum, VDD =5.5V)
-Eni: 0.54 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.17 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 101 dB
• Low Power and Supply Voltages:
-IQ: 80 µA/amplifier (typical)
- Wide Supply Voltage Range: 1.8V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in MSOP-8, 2x3 TDFN
- Quads in TSSOP-14
•Easy to Use:
- Rail-to-Rail Input/Output
- Gain Bandwidth Product: 1 MHz (typical)
- Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V11/1U/2/4: Zero-Drift, Low Power
• MCP6V31/1U/2/4: Zero-Drift, Low Power
• MCP6V71/1U/2/4: Zero-Drift, 2 MHz
• MCP6V81/1U: Zero-Drift, 5 MHz
• MCP6V91/1U: Zero-Drift, 10 MHz
General Description
The Microchip Technology Inc. MCP6V61/1U/2/4
family of operational amplifiers provides input offset
voltage correction for very low offset and offset drift.
These devices have a gain bandwidth product of
1 MHz (typical). They are unity-gain stable, have
virtually no 1/f noise and have good Power Supply
Rejection Ratio (PSRR) and Common Mode Rejection
Ratio (CMRR). These products operate with a single
supply voltage as low as 1.8V, while drawing
80 µA/amplifier (typical) of quiescent current.
The Microchip Technology Inc. MCP6V61/1U/2/4 op
amps
are
offered
in
single
(MCP6V61
and
MCP6V61U), dual (MCP6V62) and quad (MCP6V64)
packages. They were designed using an advanced
CMOS process.
Package Types
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6V61
SOT-23
MCP6V61U
SC70, SOT-23
VIN–
VSS
VOUT
1
2
3
5
4
VDD
VIN+
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP6V62
MSOP
MCP6V62
2×3 TDFN *
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
MCP6V64
TSSOP
VINB–
VINB+
VOUTB
5
6
7
10
9
8
VINC+
VINC–
VOUTC
MCP6V61U
SC70, SOT-23
VIN–
VSS
VOUT
1
2
3
5
4
VDD
VIN+
80 µA, 1 MHz Zero-Drift Op Amps


Similar Part No. - MCP6V62

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66/6U/7/9 MICROCHIP-MCP6V66/6U/7/9 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V66T-E/OT MICROCHIP-MCP6V66T-E/OT Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66U MICROCHIP-MCP6V66U Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
MCP6V66UT-E/LTY MICROCHIP-MCP6V66UT-E/LTY Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
More results

Similar Description - MCP6V62

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
logo
List of Unclassifed Man...
S14-BLACK ETC2-S14-BLACK Datasheet
130Kb / 1P
INSTRUMENTATION CONNECTORS
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
Portable Instrumentation
07/14/15
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
logo
Bel Fuse Inc.
LDE160-26 BEL-LDE160-26 Datasheet
722Kb / 4P
Instrumentation Equipment
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com