Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V71 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V71
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V71 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V71 Datasheet HTML 1Page - Microchip Technology MCP6V71 Datasheet HTML 2Page - Microchip Technology MCP6V71 Datasheet HTML 3Page - Microchip Technology MCP6V71 Datasheet HTML 4Page - Microchip Technology MCP6V71 Datasheet HTML 5Page - Microchip Technology MCP6V71 Datasheet HTML 6Page - Microchip Technology MCP6V71 Datasheet HTML 7Page - Microchip Technology MCP6V71 Datasheet HTML 8Page - Microchip Technology MCP6V71 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2015 Microchip Technology Inc.
DS20005385B-page 1
MCP6V71/1U/2/4
Features
• High DC Precision:
-VOS Drift: ±15 nV/°C (maximum, VDD = 5.5V)
-VOS: ±8 µV (maximum)
-AOL: 126 dB (minimum, VDD = 5.5V)
- PSRR: 115 dB (minimum, VDD = 5.5V)
- CMRR: 117 dB (minimum, VDD = 5.5V)
-Eni: 0.45 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.15 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 96 dB
• Low Power and Supply Voltages:
-IQ: 170 µA/amplifier (typical)
- Wide Supply Voltage Range: 2V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in MSOP-8, 2x3 TDFN
- Quads in TSSOP-14
•Easy to Use:
- Rail-to-Rail Input/Output
- Gain Bandwidth Product: 2 MHz (typical)
- Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V11/1U/2/4: Zero-Drift, Low Power
• MCP6V31/1U/2/4
• MCP6V61/1U: Zero-Drift 1 MHz
• MCP6V81/1U: Zero-Drift, 5 MHz
• MCP6V91/1U: Zero-Drift, 10 MHz
Description
The Microchip Technology Inc. MCP6V71/1U/2/4
family of operational amplifiers provides input offset
voltage correction for very low offset and offset drift.
These are low-power devices with a gain bandwidth
product of 2 MHz (typical). They are unity-gain stable,
have virtually no 1/f noise and have good Power Supply
Rejection Ratio (PSRR) and Common Mode Rejection
Ratio (CMRR). These products operate with a single
supply voltage as low as 2V, while drawing
170 µA/amplifier (typical) of quiescent current.
The MCP6V71/1U/2/4 family has enhanced EMI pro-
tection to minimize any electromagnetic interference
from external sources. This feature makes it well suited
for EMI sensitive applications such as power lines,
radio stations and mobile communications, etc.
The Microchip Technology Inc. MCP6V71/1U/2/4 op
amps
are
offered
in
single
(MCP6V71
and
MCP6V71U), dual (MCP6V72) and quad (MCP6V74)
packages. They were designed using an advanced
CMOS process.
Package Types
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6V71
SOT-23
MCP6V71U
SC70, SOT-23
VIN–
VSS
VOUT
1
2
3
5
4
VDD
VIN+
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP6V72
MSOP
MCP6V72
2×3 TDFN *
VINA+
VINA–
VSS
VOUTB
VINB–
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VINA+
VINA–
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND–
VIND+
VSS
MCP6V74
TSSOP
VINB–
VINB+
VOUTB
5
6
7
10
9
8
VINC+
VINC–
VOUTC
170 µA, 2 MHz Zero-Drift Op Amps


Similar Part No. - MCP6V71

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V76/6U/7/9 MICROCHIP-MCP6V76/6U/7/9 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
MCP6V76T-ELTY MICROCHIP-MCP6V76T-ELTY Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V76T-EMNY MICROCHIP-MCP6V76T-EMNY Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V76T-EMS MICROCHIP-MCP6V76T-EMS Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
More results

Similar Description - MCP6V71

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA Datasheet
155Kb / 5P
Measurement Instrumentation
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
Two-Channel Analog Front End Portable Instrumentation
2011
logo
List of Unclassifed Man...
S14-BLACK ETC2-S14-BLACK Datasheet
130Kb / 1P
INSTRUMENTATION CONNECTORS
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
INA331 TI1-INA331_15 Datasheet
990Kb / 22P
INSTRUMENTATION AMPLIFIERS
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Microchip Technology
MCP6V61 MICROCHIP-MCP6V61 Datasheet
1Mb / 46P
Portable Instrumentation
07/14/15
MCP6V81 MICROCHIP-MCP6V81 Datasheet
2Mb / 48P
Portable Instrumentation
01/27/15
logo
Bel Fuse Inc.
LDE160-26 BEL-LDE160-26 Datasheet
722Kb / 4P
Instrumentation Equipment
LDP200-120 BEL-LDP200-120 Datasheet
698Kb / 5P
Instrumentation Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com