Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V72 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6V72
Description  Portable Instrumentation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V72 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6V72 Datasheet HTML 1Page - Microchip Technology MCP6V72 Datasheet HTML 2Page - Microchip Technology MCP6V72 Datasheet HTML 3Page - Microchip Technology MCP6V72 Datasheet HTML 4Page - Microchip Technology MCP6V72 Datasheet HTML 5Page - Microchip Technology MCP6V72 Datasheet HTML 6Page - Microchip Technology MCP6V72 Datasheet HTML 7Page - Microchip Technology MCP6V72 Datasheet HTML 8Page - Microchip Technology MCP6V72 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
 2015 Microchip Technology Inc.
DS20005385B-page 3
MCP6V71/1U/2/4
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .................................................................................................................................................................6.5V
Current at Input Pins ..............................................................................................................................................±2 mA
Analog Inputs (VIN+ and VIN-) (Note 1) ......................................................................................VSS – 1.0V to VDD+1.0V
All Other Inputs and Outputs ......................................................................................................VSS – 0.3V to VDD+0.3V
Difference Input Voltage .................................................................................................................................|VDD –VSS|
Output Short Circuit Current ........................................................................................................................... Continuous
Current at Output and Supply Pins ......................................................................................................................±30 mA
Storage Temperature .............................................................................................................................-65°C to +150°C
Maximum Junction Temperature .......................................................................................................................... +150°C
ESD protection on all pins (HBM, CDM, MM)
MCP6V71/1U
  4kV, 1.5kV, 400V
MCP6V72/4
  4kV, 1.5kV, 300V
Note 1:
See Section 4.2.1, Rail-to-Rail Inputs.
1.2
Specifications
†Notice:
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VDD = +2V to +5.5V, VSS = GND,
VCM = VDD/3,VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL and CL = 30 pF (refer to Figures 1-4 and 1-5).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-8
—
+8
µV
TA = +25°C
Input Offset Voltage Drift with
Temperature (Linear Temp. Co.)
TC1
-30
—
+30
nV/°C TA = -40 to +125°C,
VDD = 2V (Note 1)
-15
—
+15
TA = -40 to +125°C,
VDD = 5.5V (Note 1)
Input Offset Voltage Quadratic
Temp. Co.
TC2
—-30
—
pV/°C2 TA = -40 to +125°C,
VDD = 2V
—-6
—
TA = -40 to +125°C,
VDD = 5.5V (Note 1)
Input Offset Voltage Aging
∆VOS
—
±0.75
—
µV
408 hours Life Test at
+150°,
measured at +25°C
Power Supply Rejection Ratio
PSRR
115
125
—
dB
Note 1:
For Design Guidance only; not tested.
2:
Figure 2-19 shows how VCML and VCMH changed across temperature for the first production lot.
3:
Parts with date codes prior to September 2015 (week code 27) were screened to a +3 nA maximum limit.
4:
Parts with date codes prior to September 2015 (week code 27) were screened to ±1 nA minimum/maxi-
mum limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com