Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V81 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6V81
Description  Portable Instrumentation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V81 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6V81 Datasheet HTML 17Page - Microchip Technology MCP6V81 Datasheet HTML 18Page - Microchip Technology MCP6V81 Datasheet HTML 19Page - Microchip Technology MCP6V81 Datasheet HTML 20Page - Microchip Technology MCP6V81 Datasheet HTML 21Page - Microchip Technology MCP6V81 Datasheet HTML 22Page - Microchip Technology MCP6V81 Datasheet HTML 23Page - Microchip Technology MCP6V81 Datasheet HTML 24Page - Microchip Technology MCP6V81 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
 2016 Microchip Technology Inc.
DS20005419B-page 21
MCP6V81/1U/2/4
4.2.1.3
Input Current Limits
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
into the input pins (see Section 1.1 “Absolute
Maximum
Ratings †”
).
This
requirement
is
independent of the voltage limits discussed previously.
Figure 4-6 shows one approach to protecting these
inputs. The R1 and R2 resistors limit the possible
current in or out of the input pins (and into D1 and D2).
The diode currents will dump onto VDD.
FIGURE 4-6:
Protecting the Analog Inputs
Against High Currents.
It is also possible to connect the diodes to the left of the
R1 and R2 resistors. In this case, the currents through
the D1 and D2 diodes need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN-) should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common-
mode input voltage (VCM) is below ground (VSS) (see
Figure 2-18).
4.2.2
RAIL-TO-RAIL OUTPUT
The output voltage range of the MCP6V81/1U/2/4
zero-drift op amps is VDD – 5 mV (typical) and
VSS +5 mV (typical) when RL =10kΩ is connected to
VDD/2 and VDD = 5.5V. Refer to Figures 2-20 and 2-21
for more information.
This op amp is designed to drive light loads; use
another amplifier to buffer the output from heavy loads.
4.3
Application Tips
4.3.1
INPUT OFFSET VOLTAGE OVER
TEMPERATURE
Table 1-1 gives both the linear and quadratic
temperature coefficients (TC1 and TC2) of input offset
voltage. The input offset voltage, at any temperature in
the specified range, can be calculated as follows:
EQUATION 4-1:
4.3.2
DC GAIN PLOTS
Figures 2-10 to 2-12 are histograms of the reciprocals
(in units of µV/V) of CMRR, PSRR and AOL,
respectively. They represent the change in input offset
voltage (VOS) with a change in common-mode input
voltage (VCM), power supply voltage (VDD) and output
voltage (VOUT). The histograms are based on data
taken with the production test equipment and the
results reflect the trade-off between accuracy and test
time. The actual performance of the devices is typically
higher than shown in Figures 2-10 to 2-12.
The 1/AOL histogram is centered near 0 µV/V because
the measurements are dominated by the op amp’s
input noise. The negative values shown represent
noise and tester limitations, not unstable behavior.
Production tests make multiple VOS measurements,
which validates an op amp's stability; an unstable part
would show greater VOS variability or the output would
stick at one of the supply rails.
4.3.3
OFFSET AT POWER-UP
When these parts power up, the input offset (VOS) starts
at its uncorrected value (usually less than ±5 mV).
Circuits with high DC gain can cause the output to reach
one of the two rails. In this case, the time to a valid
output is delayed by an output overdrive time (like tODR)
in addition to the start-up time (like tSTR).
It can be simple to avoid this extra start-up time.
Reducing the gain is one method. Adding a capacitor
across the feedback resistor (RF) is another method.
V1
R1
VDD
D1
min(R1,R2)>
VSS –min(V1,V2)
2mA
VOUT
V2
R2
D2
min(R1,R2)>
max(V1,V2)– VDD
2mA
U1
MCP6V8X
+
-
V
OS TA

V
OS
TC
1TTC2T
2
++
=
Where:
T=TA –25°C
VOS(TA) = Input offset voltage at TA
VOS = Input offset voltage at +25°C
TC1 = Linear temperature coefficient
TC2 = Quadratic temperature coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com