Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL6213 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL6213
Description  External gain configuration capability
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6213 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL6213 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6213 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BL6213
http://www.belling.com.cn
- 2 -
Total 8 Pages
Pin Diagrams
C
B
A
SHD
2
3
1
GND
INN
Vout1
INP
VDD
GND
BP
Vout2
NLGA9L Package
( Top View )
AYW
NLGA9L Marking
( Top View )
Y – Year Code
W
- Week Code
A
.
.
– BL6213
Pin Description
No.
Pin Name
I/O
Description
A1
INN
I
Negative Input
A2
Vout1
O
Negative BTL Output
A3
INP
I
Positive Input
B1/B2
GND
I/O
Ground
B3
VDD
I/O
Power Supply (2.2 – 5.5 V)
C1
BP
I/O
Analog ground for inner OPAs. It’s about a half of VDD.
C2
Vout2
O
Positive BTL Output
C3
I
Shout-down Logical Control, ‘0’ is active.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com