Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL6331CP Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL6331CP Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BL6331
http://www.belling.com.cn
- 3 -
Total 12 Pages
The non-clip function can control the gain of class-D amplifier to obtain a maximum output level (Po
=800mW,VDD=4.2v, RL=8Ω) without distortion. When the output clip which is arisen from the over
lever input signal or power supply voltage down with buttery is detected, BL6331 lowers the Gain of
the digital amplifier to an appropriate value so as not to cause the clipping at the differential signal
output. This is the difference from the traditional AGC (Auto Gain Control) or ALC (Auto Level
Control).
The non-clip performance is depended on three factors:
1、THNC(the threshold THD+N of non-clip) :The non-clip output control circuit detects the THD+N
of output. When the THD+N of output is up to the threshold THD+N of non-clip (0.5%), the amplifier
gain is adjusted.
2、tAT (attack time) :The time from the output clip is detected to the amplifier gain is adjusted.
Normally, attack time is 1ms~100ms。
3、tRT (release time) :The time from the THD+N of output is lower than THNC to the amplifier gain is
back to normal level. Normally, release time is 20ms~5s。
The classic music is in well harmonious with long tAT and tRT. The rock and roll music is in well
harmonious with short tAT and tRT.
The non-clip performance is shown in the following graph:
The attack time and release time of Non-clip control are fixation two levels, and selects with the
CTRL terminal.
CTRL terminal function
BL6331
BL6331
BL6331
BL6331
Rctrl1
Rctrl2
Cctrl
Rctrl3
CTRL1
CTRL2
0.1uF
CTRL
BL6331
BL6331
BL6331
BL6331
R ctrl
Cctrl
0.1uF
CTRL
CTRL
BB
BB
BB
BB
or
or
or
or
MCU
MCU
MCU
MCU
BB
BB
BB
BB
or
or
or
or
MCU
MCU
MCU
MCU
10Kohm
CONFIG 1 of CTRL
CONFIG 2 of CTRL
In CONFIG 1 of CTRL, by connection external resistors (Rctrl1、Rctrl2 and Rctrl3: Accuracy of 1%)
to CTRL terminal, and impression setting threshold voltage of each mode to CTRL terminal, the
following can be set: NonClip1, Nonclip2, Nonclip-off, and shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com