Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V91 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V91
Description  Temperature Measurement
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V91 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V91 Datasheet HTML 1Page - Microchip Technology MCP6V91 Datasheet HTML 2Page - Microchip Technology MCP6V91 Datasheet HTML 3Page - Microchip Technology MCP6V91 Datasheet HTML 4Page - Microchip Technology MCP6V91 Datasheet HTML 5Page - Microchip Technology MCP6V91 Datasheet HTML 6Page - Microchip Technology MCP6V91 Datasheet HTML 7Page - Microchip Technology MCP6V91 Datasheet HTML 8Page - Microchip Technology MCP6V91 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005434B-page 1
MCP6V91/1U/2/4
Features
• High DC Precision:
-VOS Drift: ±17 nV/°C (maximum, VDD =5.5V)
-VOS: ±9 µV (maximum)
-AOL: 126 dB (minimum, VDD =5.5V)
- PSRR: 117 dB (minimum, VDD =5.5V)
- CMRR: 118 dB (minimum, VDD =5.5V)
-Eni: 0.24 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.08 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 93 dB
• Low Power and Supply Voltages:
-IQ: 1.1 mA/amplifier (typical)
- Wide supply voltage range: 2.4V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in MSOP-8, 2X3 TDFN
- Quads in TSSOP-14
•Easy to Use:
- Rail-to-rail input/output
- Gain Bandwidth Product: 10 MHz (typical)
- Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V11/1U/2/4: Zero-Drift, Low Power
• MCP6V31/1U/2/4: Zero-Drift, Low Power
• MCP6V61/1U/2/4: Zero-Drift, 1 MHz
• MCP6V71/1U/2/4: Zero-Drift, 2 MHz
• MCP6V81/1U/2/4: Zero-Drift, 5 MHz
General Description
The
Microchip
Technology
Incorporated
MCP6V91/1U/2/4 family of operational amplifiers
provides input offset voltage correction for very low
offset and offset drift. These devices have a gain
bandwidth product of 10 MHz (typical). They are
unity-gain stable, have virtually no 1/f noise and have
good Power Supply Rejection Ratio (PSRR) and
Common Mode Rejection Ratio (CMRR). These
products operate with a single supply voltage as low as
2.4V, while drawing 1.1 mA/amplifier (typical) of
quiescent current.
The MCP6V91/1U/2/4 family has enhanced EMI
protection
to
minimize
any
electromagnetic
interference from external sources. This feature makes
it well suited for EMI-sensitive applications such as
power
lines,
radio
stations
and
mobile
communications, etc.
The MCP6V91/1U/2/4 op amps are offered in single
(MCP6V91 and MCP6V91U), dual (MCP6V92) and
quad (MCP6V94) packages. They were designed
using an advanced CMOS process.
Package Types
VIN+
VSS
VIN–
1
2
3
5
4
VDD
VOUT
MCP6V91
SOT-23
MCP6V91U
SC70, SOT-23
VIN–
VSS
VOUT
1
2
3
5
4
VDD
VIN+
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP6V92
MSOP
MCP6V92
2×3 TDFN*
VINA+
VINA-
VSS
VOUTB
VINB-
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
MCP6V94
TSSOP
VINB-
VINB+
VOUTB
5
6
7
10
9
8
VINC+
VINC-
VOUTC
* Includes Exposed Thermal Pad (EP); see Table 3-1.
10 MHz, Zero-Drift Op Amps


Similar Part No. - MCP6V91

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V91/1U/2/4 MICROCHIP-MCP6V91/1U/2/4 Datasheet
2Mb / 52P
5 MHz, 0.5 mA, Zero-Drift Op Amps
Revision A August 2020
More results

Similar Description - MCP6V91

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57871S0212 EPCOS-B57871S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57881S0212 EPCOS-B57881S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57885S0212 EPCOS-B57885S0212 Datasheet
62Kb / 3P
Temperature Measurement
B57891S0222 EPCOS-B57891S0222 Datasheet
62Kb / 3P
Temperature Measurement
B57861S0202 EPCOS-B57861S0202 Datasheet
61Kb / 3P
Temperature Measurement
logo
Turck, Inc.
TS-500-LI2UPN8X-H1141 TURCK-TS-500-LI2UPN8X-H1141 Datasheet
344Kb / 6P
Temperature measurement
TS-516-LI2UPN8X-H1141 TURCK-TS-516-LI2UPN8X-H1141 Datasheet
223Kb / 3P
Temperature measurement
TTM-103A-G18-LIUPN-H1140 TURCK-TTM-103A-G18-LIUPN-H1140 Datasheet
158Kb / 2P
Temperature measurement
TTM150C-203A-CF-LI6-H1140 TURCK-TTM150C-203A-CF-LI6-H1140 Datasheet
149Kb / 1P
Temperature measurement
TTM-206A-CF-LIUPN-H1140 TURCK-TTM-206A-CF-LIUPN-H1140 Datasheet
159Kb / 2P
Temperature measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com