Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP632 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP632
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP632 Datasheet HTML 17Page - Microchip Technology MCP632 Datasheet HTML 18Page - Microchip Technology MCP632 Datasheet HTML 19Page - Microchip Technology MCP632 Datasheet HTML 20Page - Microchip Technology MCP632 Datasheet HTML 21Page - Microchip Technology MCP632 Datasheet HTML 22Page - Microchip Technology MCP632 Datasheet HTML 23Page - Microchip Technology MCP632 Datasheet HTML 24Page - Microchip Technology MCP632 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 21
MCP631/2/3/4/5/9
4.2
Rail-to-Rail Output
4.2.1
MAXIMUM OUTPUT VOLTAGE
The maximum output voltage (see Figures 2-16
and 2-17) describes the output range for a given load.
For instance, the output voltage swings to within 50 mV
of the negative rail with a 1 k
 load tied to VDD/2.
4.2.2
OUTPUT CURRENT
Figure 4-4 shows the possible combinations of output
voltage (VOUT) and output current (IOUT), when
VDD =5.5V.
IOUT is positive when it flows out of the op amp into the
external circuit.
FIGURE 4-4:
Output Current.
4.2.3
POWER DISSIPATION
Since the output short-circuit current (ISC) is specified
at ±70 mA (typical), these op amps are capable of both
delivering and dissipating significant power.
FIGURE 4-5:
Diagram for Power
Calculations.
Figure 4-5 shows the power calculations used for a
single op amp:
•RSER is 0 in most applications and can be used
to limit IOUT.
•VOUT is the op amp’s output voltage.
•VL is the voltage at the load.
•VLG is the load’s ground point.
•VSS is usually ground (0V).
The input currents are assumed to be negligible. The
currents shown in Figure 4-5 can be approximated
using Equation 4-1:
EQUATION 4-1:
The instantaneous op amp power (POA(t)), RSER power
(PRSER(t)) and load power (PL(t)) are:
EQUATION 4-2:
The maximum op amp power, for resistive loads,
occurs when VOUT is halfway between VDD and VLG or
halfway between VSS and VLG.
EQUATION 4-3:
The maximum ambient to junction temperature rise
(
TJA) and junction temperature (TJ) can be calculated
using POAmax, the ambient temperature (TA), the
package thermal resistance (
JA, found in the
Temperature Specifications table) and the number of
op amps in the package (assuming equal power
dissipations), as shown in Equation 4-4:
EQUATION 4-4:
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT (mA)
RL = 10Ω
RL = 100Ω
RL = 1 kΩ
VOH Limited
VOL Limited
(VDD = 5.5V)
VDD
VL
RL
VLG
IDD
ISS
IL
IOUT
RSER
VOUT
VSS
MCP63X
+
-
Where:
IQ = Quiescent supply current
I
OUT
I
L
V
OUT
V
LG
–
R
SER
R
L
+
------------------------------
==
I
DD
I
Q
max 0, I
OUT

+
I
SS
I
–
Q
min 0, I
OUT

+
POA(t) = IDD (VDD – VOUT) + ISS (VSS – VOUT)
PRSER(t) = IOUT
2R
SER
PL(t) = IL
2R
L
P
OAmax
max
2
V
DD
V
LG
–
V
LG
V
SS
–

4R
SER
R
L
+

-------------------------------------------------------------------------
Where:
n = Number of op amps in the package (1, 2)
T
JA
P
OA t

JA
nP
OAmax JA
=
T
J
T
A
T
JA
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com