Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1810 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1810
Description  Energy Harvesting
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1810 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1810 Datasheet HTML 17Page - Microchip Technology MCP1810 Datasheet HTML 18Page - Microchip Technology MCP1810 Datasheet HTML 19Page - Microchip Technology MCP1810 Datasheet HTML 20Page - Microchip Technology MCP1810 Datasheet HTML 21Page - Microchip Technology MCP1810 Datasheet HTML 22Page - Microchip Technology MCP1810 Datasheet HTML 23Page - Microchip Technology MCP1810 Datasheet HTML 24Page - Microchip Technology MCP1810 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2016 Microchip Technology Inc.
DS20005623A-page 21
MCP1810
5.0
APPLICATION CIRCUITS AND
ISSUES
5.1
Typical Application
The MCP1810 is used for applications that require
ultra-low quiescent current draw.
FIGURE 5-1:
Typical Application Circuit.
5.2
Power Calculations
5.2.1
POWER DISSIPATION
The internal power dissipation within the MCP1810 is a
function of input voltage, output voltage, output current
and quiescent current. Equation 5-1 can be used to
calculate the internal power dissipation for the LDO.
EQUATION 5-1:
In addition to the LDO pass element power dissipation,
there is power dissipation within the MCP1810 as a
result of quiescent or ground current. The power
dissipation as a result of the ground current can be
calculated by applying Equation 5-2:
EQUATION 5-2:
The total power dissipated within the MCP1810 is the
sum of the power dissipated in the LDO pass device
and the P(IGND) term. Because of the CMOS
construction, the typical IGND for the MCP1810 is
maximum 290 µA at full load. Operating at a maximum
VIN of 5.5V results in a power dissipation of 1.6 mW.
For most applications, this is small compared to the
LDO pass device power dissipation, and can be
neglected.
The
maximum
continuous
operating
junction
temperature specified for the MCP1810 is +85°C. To
estimate the internal junction temperature of the
MCP1810, the total internal power dissipation is
multiplied
by
the
thermal
resistance
from
junction-to-ambient (R
JA) of the device. The thermal
resistance from junction to ambient for the 2x2 VDFN
8-Lead package is estimated at 73.1°C/W.
EQUATION 5-3:
The maximum power dissipation capability for a
package
can
be
calculated
given
the
junction-to-ambient
thermal
resistance
and
the
maximum ambient temperature for the application.
Equation 5-4 can be used to determine the package
maximum internal power dissipation.
EQUATION 5-4:
VIN
VOUT
FB
GND
MCP1810
CIN
COUT
SHDN
+
-
ESR
P
LDO
V
IN MAX

V
OUT MIN

–
 I
OUT MAX

=
Where:
PLDO = Internal power dissipation of the
LDO pass device
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
IOUT(MAX) = Maximum output current
P
IGND

V
IN MAX

I
GN D
=
Where:
PI(GND) = Power dissipation due to the
quiescent current of the LDO
VIN(MAX) = Maximum input voltage
IGND = Current flowing into the GND pin
T
JMAX

P
TOTAL
R
JA
T
AMAX

+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total power dissipation of the device
R
JA = Thermal resistance from junction to
ambient
TA(MAX) = Maximum ambient temperature
P
DMAX

T
JMAX

T
AMA X

–

R
JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum power dissipation of the
device
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
R
JA = Thermal resistance from
junction to ambient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com