Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP652
Description  Unity-Gain Stable
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP652 Datasheet HTML 21Page - Microchip Technology MCP652 Datasheet HTML 22Page - Microchip Technology MCP652 Datasheet HTML 23Page - Microchip Technology MCP652 Datasheet HTML 24Page - Microchip Technology MCP652 Datasheet HTML 25Page - Microchip Technology MCP652 Datasheet HTML 26Page - Microchip Technology MCP652 Datasheet HTML 27Page - Microchip Technology MCP652 Datasheet HTML 28Page - Microchip Technology MCP652 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
 2009-2014 Microchip Technology Inc.
DS20002146D-page 25
MCP651/1S/2/3/4/5/9
4.3.0.3
Power Dissipation
Since the output short circuit current (ISC) is specified
at ±100 mA (typical), these op amps are capable of
both delivering and dissipating significant power. Two
common loads, and their impact on the op amp’s power
dissipation, will be discussed.
Figure 4-7 shows a resistive load (RL) with a DC output
voltage (VOUT). VL is RL’s ground point, VSS is usually
ground (0V) and IOUT is the output current. The input
currents are assumed to be negligible.
FIGURE 4-7:
Diagram for Resistive Load
Power Calculations.
The DC currents are:
EQUATION 4-1:
The DC op amp power is:
EQUATION 4-2:
The maximum op amp power, for resistive loads at DC,
occurs when VOUT is halfway between VDD and VL or
halfway between VSS and VL:
EQUATION 4-3:
Figure 4-7 shows a capacitive load (CL), which is
driven by a sine wave with DC offset. The capacitive
load causes the op amp to output higher currents at
higher frequencies. Because the output rectifies IOUT,
the op amp’s dissipated power increases (even though
the capacitor does not dissipate power).
FIGURE 4-8:
Diagram for Capacitive Load
Power Calculations.
The output voltage is assumed to be:
EQUATION 4-4:
The op amp’s currents are:
EQUATION 4-5:
The op amp’s instantaneous power, average power
and peak power are:
EQUATION 4-6:
The power dissipated in a package depends on the
powers dissipated by each op amp in that package:
MCP65X
VDD
VOUT
RL
VL
IDD
ISS
IOUT
VSS
I
OUT
V
OUT
V
L
–
R
L
--------------------------
=
I
DD
I
Q
max 0 I
OUT
,

+
I
SS
I
–
Q
min 0 I
OUT
,

+
Where:
IQ = Quiescent supply current for one
op amp (mA/amplifier)
VOUT = A DC value (V)
P
OA
I
DD VDD
V
OUT
–
 I
SS VSS
V
OUT
–

+
=
max P
OA

I
DD VDD
V
SS
–

=
max
2
V
DD
V
L
–
V
L
V
SS
–

4R
L
------------------------------------------------------------------
+
CL
MCP65X
VDD
VOUT
IDD
ISS
IOUT
VSS
V
OUT
V
DC
V
AC
t

sin
+
=
Where:
VDC = DC offset (V)
VAC = Peak output swing (VPK)
 = Radian frequency (2 f) (rad/s)
I
OUT
C
L
dV
OUT
dt
-----------------
V
ACCL
t

cos
==
I
DD
I
Q
max 0 I
OUT
,

+
I
SS
I
–
Q
min 0 I
OUT
,

+
Where:
IQ = Quiescent supply current for one
op amp (mA/amplifier)
P
OA
I
DD VDD
V
OUT
–
 I
SS VSS
V
OUT
–

+
=
ave P
OA

V
DD
V
SS
–
 I
Q
4V
AC fCL
------------------------
+


=
max P
OA

V
DD
V
SS
–
 I
Q
2V
AC fCL
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com