Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9600 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP9600
Description  Four Programmable Temperature Alert Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9600 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP9600 Datasheet HTML 35Page - Microchip Technology MCP9600 Datasheet HTML 36Page - Microchip Technology MCP9600 Datasheet HTML 37Page - Microchip Technology MCP9600 Datasheet HTML 38Page - Microchip Technology MCP9600 Datasheet HTML 39Page - Microchip Technology MCP9600 Datasheet HTML 40Page - Microchip Technology MCP9600 Datasheet HTML 41Page - Microchip Technology MCP9600 Datasheet HTML 42Page - Microchip Technology MCP9600 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
 2015-2016 Microchip Technology Inc.
DS20005426B-page 39
MCP9600
6.3
Device Features
6.3.1
I2C ADDRESSING
The MCP9600 supports up to eight devices on the I2C
bus. Applications such as large thermal management
racks with several thermocouple sensor interfaces are
able to monitor various temperature zones with minimal
pin-count microcontrollers. This reduces the total solu-
tion cost, while providing a highly accurate thermal
management solution using the MCP9600.
FIGURE 6-4:
I2C Address Selection
Implementation.
6.3.2
INPUT IMPEDANCE
The MCP9600 uses a switched-capacitor amplifier
input stage to gain the input signal to a maximum
resolution of 2 µV/LSb at 18-bit ADC setting. An
internal input capacitor is used for charge storage. The
differential input impedance ZIN_DF is dominated by the
sampling
capacitor
and
the
switched-capacitor
amplifier sampling frequency. During sampling period,
the charging and discharging of the sampling capacitor
creates dynamic input currents at the input pins.
Adding a 10-100 nF capacitor between the inputs can
improve stability.
Since the sampling capacitor is only switching to the
input pins during a conversion process, the input
impedance is only valid during conversion periods.
During low-power or Shutdown mode, the input ampli-
fier stage is disabled, therefore the input impedance is
ZIN_CM, which is due to the leakage current from ESD
protection diodes, as shown in Figure 6-5.
FIGURE 6-5:
Thermocouple Input Stage.
6.3.3
OPEN AND SHORT DETECTION
CIRCUITS
External circuits can be added to detect the
thermocouple status as open (physically disconnected)
or as short (thermocouple wire in contact with the
system ground or VDD). If a passive circuit is added to
the input stage, then the circuit loading effect to the
MCP9600 ADC inputs must be considered. System
calibration is also required to ensure proper accuracy.
In addition, external loads can degrade the device
performance, such as input offset, gain, and Integral
Nonlinearity (INL) errors. If a low impedance active
circuit is added, then both offset and gain errors must
be calibrated.
6.3.3.1
Open-Circuit Detection Technique
For open circuit detection, the Input Range Flag bit,
bit 4 of the Status Register (Register 5-6), can be used
to detect open-circuit conditions. This would require a
few external resistors as shown in Figure 6-6. The
passive circuit does not affect the MCP9600 accuracy
(The recommended value for RB set to 10 k. When
the
Thermocouple
is
connected,
the
input
common-mode voltage is 0.5*VDD. And when the
Thermocouple is disconnected, the voltage at VIN+
MCP9600
PIC®
I2
C
Alert
4
GND
Types K, J, T,
N, E, B, S, R
VDD
Alert
4
GND
Types K, J, T,
N, E, B, S, R
VDD
MCP9600
R7A R7B
R2A R2B
Up
to
eight
MCP9600 on
I2C bus
TABLE 6-2:
RECOMMENDED
RESISTOR VALUES FOR
I2C ADDRESSING
Device #
Command
Byte
Values
RXA (k)RXB (k)
1
1100 000X
ADDR pin tied to GND
2
1100 001X
R2A = 10
R2B = 2.2
3
1100 010X
R3A = 10
R3B = 4.3
4
1100 011X
R4A = 10
R4B = 7.5
5
1100 100X
R5A = 10
R5B = 13
6
1100 101X
R6A = 10
R6B = 22
7
1100 110X
R7A = 10
R7B = 43
8
1100 111X
ADDR pin tied to VDD
Note:
Standard 5% tolerance resistors are used in
the table, however, 1% tolerance resistors
provide better ratio matching.
ADDR
ADDR
VIN+
VIN-
VIN+
VIN-
microcontroller
Unit 2/8
Unit 7/8
V
RSS
VIN+,VIN-
Sampling
Switch
SS
RS
CSAMPLE
(3.2 pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com