Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34-RVW4KD1122 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-RVW4KD1122
Description  ALL DIMESNSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-RVW4KD1122 Datasheet(HTML) 1 Page - E-SWITCH

  34-RVW4KD1122 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RVW4KD1122
3/9/2015
34-RVW4KD1122
B
MW
1
1
5
6
4
1
SUGGESTED PANEL CUTOUT
MAX PANEL THICKNESS 6.0mm
A
21801
RELEASE FOR PRODUCTION
3/9/15
MW
24.50
[.965 in]
43.20
[1.701 in]
2.00
[.079 in]
6.60 .50
.260 .020 in
[
]
17.00
[.669 in]
28.30
[1.114 in]
38.70 .50
1.524 .020 in
[
]
36.70 .50
1.445 .020 in
[
]
20.60
[.811 in]
19.50
[.768 in]
6.30
[.248 in]
.80
[.031 in]
1.70
[.067 in]
21.00
[.827 in]
36.80
[1.449 in]
POS. 3
POS. 2
POS. 1
SWITCH FUNCTION
OFF
(ON)
(ON)
2-1; 5-4
OPEN
2-3; 5-6
( ) DENOTES MOMENTARY FUNCTION
ACTUATOR COLOR
BLACK MATT FINISH
BODY COLOR
BLACK MATT FINISH
NOTES:
1. ALL DIMESNSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. RATINGS: ANSI/UL 508 AND CAN/CSA C22.2 NO.14 (E195908):
20A, 125VAC [cURus]
15A, 277VAC [cURus]
1.5HP, 110/250VAC [cURus]
4. CONTACT RESISTANCE: 50 m
MAX. @ 50VAC
5. INSULATION RESISTANCE: 800 M
MIN. @ 500VDC
6. OPERATING TEMPERATURE: -20 C TO +65 C [cURus, CSA]
-20 C TO +125 C [VDE]
7. ELECTRICAL LIFE: 6,000 CYCLES [cURus]
8. DIELECTRIC STRENGTH: 1,500V FOR 1 MINUTE
9. OPERATING TEMPERATURE: -20 C TO 55 C [cURus]
10. INGRESS PROTECTION: IP54
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (RoHS) COMPLIANT.
POS. 1
POS. 2
POS. 3
4
2
5
1
4
CIRCUIT: DPDT
(ON) - OFF - (ON)
( ) DENOTES MOMENTARY
6
3
GRAPHIC COLOR
WHITE
B
21815
CHANGE 2.0HP to 1.5HP in Note 3
3/30/15
MW


Similar Part No. - 34-RVW4KD1122

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-RVW4KD1100 E-SWITCH-34-RVW4KD1100 Datasheet
66Kb / 1P
Silver Plated Copper
More results

Similar Description - 34-RVW4KD1122

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-PA411C1000136 E-SWITCH-14-PA411C1000136 Datasheet
232Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
14-PA521C E-SWITCH-14-PA521C Datasheet
127Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
34-RVW41D1123 E-SWITCH-34-RVW41D1123 Datasheet
161Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0528P E-SWITCH-XF0528P Datasheet
32Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0544P E-SWITCH-XF0544P Datasheet
32Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0232P E-SWITCH-XF0232P Datasheet
56Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
XF0368P E-SWITCH-XF0368P Datasheet
57Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400016 E-SWITCH-M400016 Datasheet
38Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400018 E-SWITCH-M400018 Datasheet
39Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
M400026 E-SWITCH-M400026 Datasheet
40Kb / 1P
ALL DIMESNSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com