Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVB20022 Datasheet(PDF) 5 Page - SMSC Corporation

Part # EVB20022
Description  Industrial ARCNET AT Adapter Card
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EVB20022 Datasheet(HTML) 5 Page - SMSC Corporation

  EVB20022 Datasheet HTML 1Page - SMSC Corporation EVB20022 Datasheet HTML 2Page - SMSC Corporation EVB20022 Datasheet HTML 3Page - SMSC Corporation EVB20022 Datasheet HTML 4Page - SMSC Corporation EVB20022 Datasheet HTML 5Page - SMSC Corporation EVB20022 Datasheet HTML 6Page - SMSC Corporation EVB20022 Datasheet HTML 7Page - SMSC Corporation EVB20022 Datasheet HTML 8Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMSC UG - EVB-20022
Page 5
Rev. 1/5/00
4.
At the next menu type “a”. The screen will have a list of registers and their values. Got to the config
register, one from the bottom. Change the third bit from the right (BKPLNE) from a “0” to a “1”. Exit to
the previous menu.
5.
Select “b” from the menu. Change the register labeled IOH_1. The left most bit (P1MODE) needs to be
change from a “0” to a “1”. Exit back to the main menu.
6.
At the main menu, select option “D” to save all of the changes that have been made to the registers.
7.
To start the test, select “I” from the main menu, Ping-Pong. This is only to be done on one machine.
8.
A menu will come up asking how many other nodes, and the node ID of the other nodes. Make sure the
nodes IDs are not the same. If the test is running correctly, “T” and “R” should alternate scrolling down
the screen on both machines .
Coaxial Interface
The coaxial interface uses a standard 93-ohm BNC connector, the same as a 50-ohm BNC, and requires a RG-62
type cable with 93-ohm terminations. The following guidelines for bus topology should be used for coaxial interface:
1.
Max. distance(without repeaters).............1000’
2.
Min. distance between nodes ...................3’
3.
Max. number of nodes per segment ........8 (i.e. no repeaters)
4.
Max number of nodes with repeaters ......255
Operation is valid only at 2.5 Mbps and uses the SMSC HYC9088 hybrid (U15).
To setup the board for coaxial interface, with the use of SMSC DEMOAT software, perform the following steps:
1.
Install both jumpers horizontally at JP11 (Differential paired data)
2.
Install the jumper horizontally at JP12 (Coax filter)
3.
Set jumper blocks JP13 and JP5 both to D (Transmit data and receive data)
4.
Set I/O board address as specified in I/O address selection in User Guide (e.g. 02E0)
5.
Set Node ID as specified in Node ID selection in User Guide
Note:
Make sure JP6, JP8, JP9, and JP10 are left unconnected.
Note:
If socketed COM20022 (SKT1) is being utilized, U8 (alternate COM20022 device) must not be mounted on
evaluation board.
Figure 1
For proper coaxial operation, installed jumpers denoted in black.
JP1
2
1
1
1
1
1
JP
JP
8
JP
9
JP1
0
JP1
1
1
A
B
C
D
1
A
B
C
D
1
1
`
JP1
JP
U1
U1
2
U1
5
U1
3
T1
JP
7
S1
J1
J2
C
O
A
LE
D
SKT
1
U8
JP
S2
S3
10
11
15
3
4
5
7
9
12
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com