Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79410 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP79410
Description  Dual Programmable Alarms
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79410 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP79410_16 Datasheet HTML 17Page - Microchip Technology MCP79410_16 Datasheet HTML 18Page - Microchip Technology MCP79410_16 Datasheet HTML 19Page - Microchip Technology MCP79410_16 Datasheet HTML 20Page - Microchip Technology MCP79410_16 Datasheet HTML 21Page - Microchip Technology MCP79410_16 Datasheet HTML 22Page - Microchip Technology MCP79410_16 Datasheet HTML 23Page - Microchip Technology MCP79410_16 Datasheet HTML 24Page - Microchip Technology MCP79410_16 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
 2010-2016 Microchip Technology Inc.
DS20002266H-page 21
MCP79410/MCP79411/MCP79412
5.4
Alarms
The MCP7941X features two independent alarms. Each
alarm can be used to either generate an interrupt at a
specific time in the future, or to generate a periodic
interrupt every minute, hour, day, day of week, or month.
There is a separate interrupt flag, ALMxIF, for each alarm.
The interrupt flags are set by hardware when the chosen
alarm mask condition matches (Table 5-5). The interrupt
flags must be cleared in software.
If either alarm module is enabled by setting the
corresponding ALMxEN bit in the CONTROL register, and
if the square wave clock output is disabled (SQWEN = 0),
then the MFP will operate in Alarm Interrupt Output mode.
Refer to Section 5.5 “Output Configurations” for
details. The alarm interrupt output is available while
operating from the backup power supply.
Both Alarm0 and Alarm1 offer identical operation. All time
and date values are stored in the registers as
binary-coded decimal (BCD) values.
TABLE 5-5:
ALARM MASKS
FIGURE 5-6:
ALARM BLOCK DIAGRAM
Note:
Throughout this section, references to the
register and bit names for the alarm
modules are referred to generically by the
use of ‘x’ in place of the specific module
number. Thus, “ALMxSEC” might refer to
the seconds register for Alarm0 or Alarm1.
ALMxMSK<2:0>
Alarm Asserts on Match of
000
Seconds
001
Minutes
010
Hours
011
Day of Week
100
Date
101
Reserved
110
Reserved
111
Seconds, Minutes, Hours,
Day of Week, Date, and Month
Note 1:
The alarm interrupt flags must be cleared
by the user. If a flag is cleared while the
corresponding
alarm
condition
still
matches, the flag will be set again,
generating another interrupt.
2:
Loading invalid values into the alarm
registers
will
result
in
undefined
operation.
MFP
RTCSEC
RTCMIN
RTCHOUR
RTCWKDAY
RTCDATE
RTCMTH
Timekeeping
Registers
ALM1SEC
ALM1MIN
ALM1HOUR
ALM1WKDAY
ALM1DATE
ALM1MTH
Alarm1
Registers
ALM0SEC
ALM0MIN
ALM0HOUR
ALM0WKDAY
ALM0DATE
ALM0MTH
Alarm0
Registers
Alarm0 Mask
Alarm1 Mask
Comparator
Comparator
MFP Output Logic
Set
ALM0IF
Set
ALM1IF
ALM0MSK<2:0>
ALM1MSK<2:0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com