Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24053 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC24053
Description  No External Compensation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24053 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC24053 Datasheet HTML 17Page - Microchip Technology MIC24053 Datasheet HTML 18Page - Microchip Technology MIC24053 Datasheet HTML 19Page - Microchip Technology MIC24053 Datasheet HTML 20Page - Microchip Technology MIC24053 Datasheet HTML 21Page - Microchip Technology MIC24053 Datasheet HTML 22Page - Microchip Technology MIC24053 Datasheet HTML 23Page - Microchip Technology MIC24053 Datasheet HTML 24Page - Microchip Technology MIC24053 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
 2015 Microchip Technology Inc.
DS20005668A-page 21
MIC24053
The maximum value of ESR is calculated with
Equation 5-7.
EQUATION 5-7:
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated in
Equation 5-8:
EQUATION 5-8:
As described in the Theory of Operation subsection in
the Functional Description section, the MIC24053
requires at least 20 mV peak-to-peak ripple at the FB
pin to make the gm amplifier and the error comparator
behave properly. Also, the output voltage ripple should
be in phase with the inductor current. Therefore, the
output voltage ripple caused by the output capacitors’
value should be much smaller than the ripple caused
by the output capacitor ESR. If low-ESR capacitors,
such as ceramic capacitors, are used for the output
capacitors, a ripple injection method should be applied
to provide enough feedback voltage ripple. Please refer
to the Ripple Injection subsection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated in Equation 5-9:
EQUATION 5-9:
The power dissipated in the output capacitor is:
EQUATION 5-10:
5.3
Input Capacitor Selection
The input capacitor for the power stage input (VIN)
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning on
the input supply. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage
de-rating. The input voltage ripple primarily depends on
the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
EQUATION 5-11:
The input capacitor must be rated for the input current
ripple. The RMS value of the input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
EQUATION 5-12:
The power dissipated in the input capacitor is:
EQUATION 5-13:
5.4
Ripple Injection
The VFB ripple required for proper operation of the
MIC24053 gm amplifier and error comparator is 20 mV
to 100 mV. However, the output voltage ripple is
generally designed as 1% to 2% of the output voltage.
For a low output voltage, such as 1V, the output voltage
ripple is only 10 mV to 20 mV, and the feedback voltage
ripple is less than 20 mV. If the feedback voltage ripple
is so small that the gm amplifier and error comparator
cannot sense it, then the MIC24053 will lose control
and the output voltage is not regulated. To have some
amount of VFB ripple, a ripple injection method is
applied for low output voltage ripple applications.
ESR
COUT
V
OUT PP

I
LPP

-----------------------------
Where:
ΔVOUT(PP) = Peak-to-peak output voltage
ripple
ΔIL(PP) = Peak-to-peak inductor current
ripple
V
OUT PP

I
LPP

C
OUT
f
SW
8
-----------------------------------------


2
I
LPP

ESR
COUT

2
+
=
Where:
D = Duty cycle
COUT = Output capacitance value
fSW = Switching frequency
I
COUT RMS

I
LPP

12
-------------------
=
P
DISS COUT

I
COUT RMS

2
ESR
COUT
=
V
IN
I
Lpk

ESR
CIN
=
I
CIN RMS

I
OUT MAX

D
1 D
–

=
P
DISS ON

I
CIN RMS

1
ESR
CIN
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com