Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP2450 Datasheet(PDF) 2 Page - Microchip Technology

Part # VP2450
Description  Ease of Paralleling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VP2450 Datasheet(HTML) 2 Page - Microchip Technology

  VP2450 Datasheet HTML 1Page - Microchip Technology VP2450 Datasheet HTML 2Page - Microchip Technology VP2450 Datasheet HTML 3Page - Microchip Technology VP2450 Datasheet HTML 4Page - Microchip Technology VP2450 Datasheet HTML 5Page - Microchip Technology VP2450 Datasheet HTML 6Page - Microchip Technology VP2450 Datasheet HTML 7Page - Microchip Technology VP2450 Datasheet HTML 8Page - Microchip Technology VP2450 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
VP2450
DS20005569A-page 2
 2016 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Drain-to-source Voltage.........................................................................................................................................BVDSS
Drain-to-gate Voltage ............................................................................................................................................BVDGS
Gate-to-source Voltage ........................................................................................................................................... ±20V
Operating and Storage Temperatures .................................................................................................. –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: For all specifications, TA = TJ = +25°C unless otherwise noted.
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
DC PARAMETER (Note 1 unless otherwise stated)
Drain-to-source Breakdown Voltage
BVDSS
–500
—
—
V
VGS = 0V, ID = –250 µA
Gate Threshold Voltage
VGS(th)
–1.5
—
–3.5
V
VGS = VDS, ID = –1 mA
Change in VGS(th) with Temperature
∆VGS(th)
—
—
–4.8
mV/°C VGS = VDS, ID = –1 mA (Note 2)
Gate Body Leakage Current
IGSS
—
—
–100
nA
VGS = ±20V, VDS = 0V
Zero Gate Voltage Drain Current
IDSS
—
—
–10
µA
VGS = 0V, VDS = Maximum Rating
—
—
–1
mA
VDS = 0.8 Maximum Rating,
VGS = 0V, TA = 125°C (Note 2)
On-state Drain Current
ID(ON)
–75
—
—
mA
VGS = –4.5V, VDS = –15V
–200
—
—
VGS = –10V, VDS = –15V
Static Drain-to-source On-state
Resistance
RDS(ON)
—
—
35
Ω
VGS = –4.5V, ID = –50 mA
—
—
30
VGS = –10V, ID = –100 mA
Change in RDS(ON) with Temperature
∆RDS(ON)
—
—
0.75
%/°C
VGS = –10V, ID = –100 mA
(Note 2)
AC PARAMETER (Note 2)
Forward Transconductance
GFS
150
320
—
mmho VDS = –15V, ID = –100 mA
Input Capacitance
CISS
—
—
190
pF
VGS = 0V, VDS = –25V, f = 1 MHz
Common Source Output Capacitance
COSS
—
—
75
Reverse Transfer Capacitance
CRSS
—
—
20
Turn-on Delay Time
td(ON)
—
—
10
ns
VDD = –25V, ID = –200 mA,
RGEN = 25Ω
Rise Time
tr
—
—
25
Turn-off Delay Time
td(OFF)
—
—
45
Fall Time
tf
—
—
25
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
—
–1.8
V
VGS = 0V, ISD = –100 mA
(Note 1)
Reverse Recovery Time
trr
—
300
—
ns
VGS = 0V, ISD = –100 mA
(Note 2)
Note 1: All DC parameters are 100% tested at 25°C unless otherwise stated.
(Pulse test: 300 µs pulse, 2% duty cycle)
2: Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com