Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC255 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FC255
Description  THIN SMD LOW / MEDIUM FREQUENCY CRYSTAL UNIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FC255 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FC255 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC255 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CRYSTALMASTER
ENERGY SAVING EPSON
EPSON offers effective savings to its customers through a
wide range of electronic devices, such as semiconductors, liquid
crystal display (LCD) modules, and crystal devices. These savings
are achieved through a sophisticated melding of three different
efficiency technologies.
Power saving technology provides low power consumption at low
voltages.
Space saving technology provides further reductions in product
size and weight through super-precise processing and high-density
assembly technology.
Time saving technology shortens the time required for design and
development on the customer side and shortens delivery times.
Our concept of Energy Saving technology conserves resources
by blending the essence of these three efficiency technologies. The
essence of these technologies is represented in each of the products
that we provide to our customers.
In the industrial sector, leading priorities include measures
to counter the greenhouse effect by reducing CO2, measures to
preserve the global environment, and the development of energy-
efficient products. Environmental problems are of global concern,
and although the contribution of energy-saving technology
developed by EPSON may appear insignificant, we seek to
contribute to the development of energy-saving products by our
customers through the utilization of our electronic devices. EPSON
is committed to the conservation of energy, both for the sake of
people and of the planet on which we live.
WORKING WITH ENVIRONMENTAL ISSUES
In 1988, Seiko Epson led in working to abolish CFCs, and perfect
abolition of those ozone layer-destroying substances was achieved in
1992. In 1998, the 10th year of start of the CFC-free activity, Seiko
Epson set this year as the “Second Environmental Benchmark Year”
and established a new corporate General Environmental Policy.
Seiko Epson is tackling with environmental issues comprehensively.
At the end of Fiscal 1988, Seiko Epson succeeded in abolishing
chloric solvents doubted to be harmful to human body. In fiscal
1999, Seiko Epson started the activity with a goal of abolishing lead
solder pointed out possibility of enironmental pollutant.
Promotion of Environment Management System
conforming to International Standard
To strengthen management for environmental activities, Seiko
Epson Group aims at acquisition of the ISO14001 certification for
Japanese and abroad main business bases (including affiliates) for
manufacturing, sales, software development and others.
As of May 25 , 2001, planned 68 bases of all manufacturing bases
and some non-manufacturing bases have acquired the certification.
Co-existence Mark
The environmental mark symbolizing Epson’s
basic stance of “Co-existence with Nature”.
The design incorporates a fish, flower, and water,
representing mutually supportive co-existence.
ISO14000 is an international standard for
environmental management that was established
by the International Standards Organization in
1996 against the background of growing concern
regarding global warming, destruction of the
ozone layer, and global deforestation.
WORKING FOR HIGH QUALITY
Seiko-Epson quickly began working to acquire company-wide
ISO9000 series certification, and has acquired ISO9001 or ISO9002
certification with all targeted products manufactured in Japanese and
overseas plants.
The Quartz Device Operations Division (Ina Japan, EPM and SZE)
have acquired QS-9000 certification, which are of higher level.
QS-9000:
This is an enhanced standard for quality
assurance systems for mulated by leading
U.S. automobile manufacturers based on the
international ISO 9000 series.
NOTICE
•The material is subject to change without notice.
•Any part of this material may not be reproduced or duplicated in any form or any means without the written permission of Seiko Epson.
•The information, applied circuit, program, using way etc., written in this material is just for reference. Seiko Epson does not assume any
liability for the occurrence of infringing any patent or copyright of third party. This material does not authorize the licence for any patent or
intellectual property rights.
•Any product described in this material may contain technology or the subject relating to strategic products under the control of the Foreign
Exchange and Foreign Trade Law of Japan and may require an export licence from the Ministry of International Trade and industry or other
approval from another government agency.
•The products (except for some product for automotive applications) listed up on this material are designed to be used with ordinary
electronic equipment (OA equipment, AV equipment, communications equipment, measuring instruments etc). Seiko Epson does not
assume any liability for the case using the products with the application required high reliability or safety extremely (such as aerospace
equipment etc). When intending to use any our product with automotive application and the other application than ordinary electronic
equipments as above, please contact our sales representatives in advance.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com