Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ONYXL-7 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # ONYXL-7
Description  LED reading lights
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

ONYXL-7 Datasheet(HTML) 2 Page - OSRAM GmbH

  ONYXL-7 Datasheet HTML 1Page - OSRAM GmbH ONYXL-7 Datasheet HTML 2Page - OSRAM GmbH ONYXL-7 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Electrical data
Power input
0.5 W
Nominal wattage
0.5 W
Power input tolerance
±10 %
Photometrical data
Luminous flux
20 lm
Dimensions & weight
Length
460.0 mm
Product weight
72.00 g
Country specific categorizations
Order reference
ONYX COPILOT L+
Product datasheet
__
December 12, 2016, 09:20:50
© 2016, OSRAM GmbH. All rights reserved.
ONYX L+7
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com