Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN Datasheet(PDF) 2 Page - Astec America, Inc

Part # ADN
Description  Adjusable Voltage
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ADN Datasheet(HTML) 2 Page - Astec America, Inc

  ADN Datasheet HTML 1Page - Astec America, Inc ADN Datasheet HTML 2Page - Astec America, Inc ADN Datasheet HTML 3Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
Model
Number
Weight
Power
Voltage
Current
ADN2.5-24-1PM
1.6 lbs (725g)
60W
85-264 Vac
90-375 Vdc
2.5 A
ADN4-24-1PP
0.7 lbs (320g)
93W
85-132/176-264 Vac
210-375 Vdc
3.8 A
ADN4-24-1PM
2.4 lbs (1055g)
100W
85-132/176-264 Vac
210-375 Vdc
4 A
ADN5-24-1PM
2.4 lbs (1055g)
120W
85-132/176-264 Vac
210-375 Vdc
5 A
ADN10-24-1PM
3.3 lbs (1480g)
240W
85-132/176-264 Vac
210-375 Vdc
10 A
ADN20-24-1PM
3.4 lbs (1520g)
480W
85-132/176-264 Vac
210-375 Vdc
20 A
Rev. 12.12.08_142
ADN Series
2 of 3
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Dimensions - inches (mm)
Height
Width
Depth
ADN2.5-24-1PM
4.88 (124)
1.97 (50)
4.55 (116)
ADN4-24-1PP
2.95 (75)
2.85 (72)
3.80 (97)
ADN4-24-1PM
4.88 (124)
2.56 (65)
4.55 (116)
ADN5-24-1PM
4.88 (124)
2.56 (65)
4.55 (116)
ADN10-24-1PM
4.88 (124)
3.26 (83)
4.55 (116)
ADN20-24-1PM
4.88 (124)
6.88 (175)
4.66 (118)
Mechanical Drawing
ADN2.5 thru ADN10
N
L
Power Supply
+ + - -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com