Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX40 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX40
Description  Place the insulator over the chassis as shown
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX40 Datasheet(HTML) 1 Page - Astec America, Inc

  LPX40 Datasheet HTML 1Page - Astec America, Inc LPX40 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7.01.09_39
LPX40/60 Enclosure
1 of 2
Embedded Power for
Business-Critical Continuity
LPX40/60
Enclosure
Materials
1 Base
1 Cover (top and sides perforated)
6 M3 x 6mm screws with captive
washer
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
Installation Notes
LPX40 and LPX60 •
Cover Enclosure Kit
LPX40 will fit the LPX2X and LPX4X
power supplies.
LPX60 will fit LPX6X power supplies.
Installation Instructions and Notes
1. Place the insulator over the chassis as shown
2. Place the power supply over the insulator as shown
3. Align the power supply to the chassis standoff
4. Secure 4 pan head screws with washer provided with in kit as shown
5. Place the cover over the chassis
6. Align the cover to the U-bracket countersink holes
7. Secure 2 countersink screws provided with in kit as shown
8. Overall dimensions:
LPX 25/40:
5.9 (150) x 3.86 (98) x 1.5 (38)
LPX 60:
5.9 (150) x 3.86 (98) x 1.97 (50)
9. Base plate has three sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (2X) 4mm clear holes plus 2 keyways. (See keyway detail)
c. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10. Ensure insulator is correctly fitted in base under PCB to maintain safety creepage and
clearances.
11. Ensure base is firmly connected to supply earth via the earth stud marked
12. When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are
complied with, in respect to creepage and clearance distances, and distances through
insulation.
13. All dimensions are in inches (mm)
For earth stud


Similar Part No. - LPX40

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPX40 EMERSON-NETWORKPOWER-LPX40 Datasheet
356Kb / 2P
Embedded Power
More results

Similar Description - LPX40

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
The probe includes the accessories shown below.
logo
Omron Electronics LLC
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
logo
Astec America, Inc
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
Place the cover over the NLP250 as shown
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
Place the cover over the NLP250 as shown
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com