Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX110-C Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX110-C
Description  All dimensions in inches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX110-C Datasheet(HTML) 1 Page - Astec America, Inc

  LPX110-C Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
131
www.astec.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
4.53"
(115)
2.44"
(62)
7.64"
(194)
2.34"
(59.5)
.90"
(23)
.79"
(20)
.67"
(17)
MATERIALS
1Cover
4
M3 x 6mm countersunk cover screws
NOTES
1.
All dimensions in inches (mm).
2.
Overall dimensions:
LPX 110-C:
7.64 (194) x 4.53 (115) x 2.44 (62)
3.
For use with the -B versions of LP110 only.
4.
When using this cover ensure that the relevant safety standards,
e.g. EN60950, are complied with, in respect to creepage and
clearance distances, and distances through insulation.
Installation Notes
LPX 110-C • Cover Enclosure Kit
LPX110
COVER
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384)842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
W9959_04_LP_099-133_35
2/8/02
4:17 PM
Page 131


Similar Part No. - LPX110-C

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPX110 ASTEC-LPX110 Datasheet
220Kb / 1P
LPX110 COVER
More results

Similar Description - LPX110-C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APB3025SRSGCPRV-F01 KINGBRIGHT-APB3025SRSGCPRV-F01 Datasheet
120Kb / 4P
1. All dimensions are in millimeters (inches).
WP76761CSYC-J KINGBRIGHT-WP76761CSYC-J Datasheet
130Kb / 4P
1. All dimensions are in millimeters (inches).
logo
Cooper Bussmann, Inc.
CTX10-5P COOPER-CTX10-5P Datasheet
107Kb / 1P
All dimensions are in inches.
logo
YENYO TECHNOLOGY Co., L...
DO-41 YENYO-DO-41 Datasheet
351Kb / 1P
Dimensions in inches and
logo
Rosenberger Hochfrequen...
W1K10N-K00D3 ROSENBERGER-W1K10N-K00D3 Datasheet
267Kb / 2P
All dimensions are in inches [mm]
W1K10P-K00D3 ROSENBERGER-W1K10P-K00D3 Datasheet
264Kb / 2P
All dimensions are in inches [mm]
W1K108-K00D3 ROSENBERGER-W1K108-K00D3 Datasheet
276Kb / 2P
All dimensions are in inches [mm]
W1S12A-40ML5 ROSENBERGER-W1S12A-40ML5 Datasheet
191Kb / 2P
All dimensions are in inches [mm]
W1S103-40ML5 ROSENBERGER-W1S103-40ML5 Datasheet
268Kb / 2P
All dimensions are in inches [mm]
W1S143-40ML5 ROSENBERGER-W1S143-40ML5 Datasheet
275Kb / 2P
All dimensions are in inches [mm]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com