Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPX120 Datasheet(PDF) 1 Page - Astec America, Inc

Part # LPX120
Description  Place the insulator over the chassis as shown
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

LPX120 Datasheet(HTML) 1 Page - Astec America, Inc

  LPX120 Datasheet HTML 1Page - Astec America, Inc LPX120 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
LPX120 Enclosure
Installation Notes
LPX120 • Cover Enclosure Kit
LPX120 will fit the LPS12X power supplies.
Rev. 7.9.09_160
LPX120 Enclosure
1 of 2
1.457
37,0
[
]
1.260
32,0
[
]
0.980
24,9
[
]
0.802
20,4
[
]
2.945
74,8
[
]
4.685
119,0
[
]
1.693
43,0
[
]
(2X) 0.591
15,0
[
]
(2X) 2.677
68,0
[
]
(2X) 1.004
25,5
[
]
1.724
43,8
[
]
2.205
56,0
[
]
2.165
55,0
[
]
(2X) 0.390
9,9
[
]
(2X) 2.283
58,0
[
]
(2X) 3.727
94,7
[
]
(2X) 0.577
14,7
[
]
(2X) 1.201
30,5
[
]
(2X) 0.197
5,0
[
]
1.654
42,0
[
]
MATERIALS
1 Base
1 Cover
4 M3X6mm Pan head screws with spring washer
4 M3X6mm Countersunk screws
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
NOTES
1. All dimensions are in inches(mm)
2. Overall dimensions
3. Base plate has three sets of customer mountings:
a. Bottom mounting(4X)M3 inserts. Max. screw penetration 0.0787(2mm)
b. Bottom mounting(2X)4mm clear holes plus 2 keyways.(see keyway detail)
c. Side mountings(4X)M3 inserts. Max. screw penetration 0.236(6mm)
4. Ensure insulator is correctly fitted in base under PCBto maintain safety
creepage and clearances.
6.When using this enclosure, ensure that relevant safety standards
(e.g.,EN60950)are complied with, in respect to creepage and clearance
distances, and distances through insulation.
(2X)M3 INSERT
(2X)M3 INSERT
A
A
A
A
(4X)M3 INSERT
MARKED"A"
SEE KEYWAY DETAILS
INPUT TERMINALS
(4X)STANDOFF
GROUND STUD
INSULATOR
OUTPUT TERMINALS
(2X) KEYWAY DETAIL
ÿ0.14(ÿ3.6)
ÿ0.35(ÿ8.8)
0.25(6.4)
4.685(119.0) x 2.945(74.8) x 1.693(43.0)
Materials
1 Base
1 Cover
4 M3x6mm Pan head
screws with spring washer
4 M3x6mm countersunk
screws
1 M4 nut
1 M4 star washer
1 M4 spring washer
1 Plastic insulator sheet
•
•
•
•
•
•
•
•
Installation Instructions and Notes
1. Place the insulator over the chassis as shown.
2. Place the power supply over the insulator as shown.
3. Align the 4x power supply to the chassis standoff.
4. Secure 4 pan head screws with washer provided with in kit as shown.
5. Place the cover over the power supply as shown.
6. Align the 4x cover to the U-bracket countersink holes.
7. Secure 4 countersink screws provided with in kit as shown.
8. Overall dimensions: 5.95 (151.13) x 3.4 (86.36) x 1.6 (40.64).
9. Base plate has two sets of customer mountings:
a. Bottom mounting (4X) M3 inserts. Max. screw penetration 0.0787 (2mm)
b. Side mounting (4X) M3 inserts. Max. screw penetration 0.236 (6mm)
10.Ensure insulator is correctly fitted in base under PCB to maintain safety creepage
and clearances.
11.Ensure base is firmly connected to supply earth via the earth stud marked
12.When using this enclosure, ensure that relevant safety standards (e.g. EN60950) are complied
with, in respect to creepage and clearance distances, and distances through insulation.
13.All dimensions are in inches (mm)


Similar Part No. - LPX120

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPX120 EMERSON-NETWORKPOWER-LPX120 Datasheet
944Kb / 2P
Enclosure
More results

Similar Description - LPX120

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-D80-F OMRON-XS2F-D421-D80-F Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
The probe includes the accessories shown below.
logo
Omron Electronics LLC
D6B-2 OMRON-D6B-2 Datasheet
147Kb / 9P
The vast majority of Omron ECB products use the date code as shown in Method A (next slide).
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
Place the cover over the NLP250 as shown
logo
Tyco Electronics
408-10096 MACOM-408-10096 Datasheet
511Kb / 2P
Using a 5mm hex wrench, install the mounting bracket on the servo terminator as shown in Figure 2.
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
Place the cover over the NLP250 as shown
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com