Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX35X/002 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # FHX35X/002
Description  Low Noise HEMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

FHX35X/002 Datasheet(HTML) 2 Page - fujitsu semiconductor

  FHX35X/002 Datasheet HTML 1Page - fujitsu semiconductor FHX35X/002 Datasheet HTML 2Page - fujitsu semiconductor FHX35X/002 Datasheet HTML 3Page - fujitsu semiconductor FHX35X/002 Datasheet HTML 4Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FHX35X/002
FHX35LG/002
Low Noise HEMT
Fig. 1 Drain Current vs. Drain-Source Voltage
Drain-source Voltage (V)
0
10
20
30
40
VGS=0V
-0.2V
FHX35LG/002
FHX35X/002
-0.4V
-0.6V
-0.8V
-1.0V
12
3
Fig. 2 Gate-Source Capacitance
vs. Drain-Source Current
Drain-Source Current (mA)
0.2
0.4
0.3
0.5
10
20
30
VDS=3V
Fig. 3 Transconductance vs.
Gate-Source Voltage
Gate-Source Voltage (V)
Fig. 4 Gate-Source Leakage Current
vs. Gate-Source Voltage
VDS=2V
20
40
60
80
-0.2
00
-0.4
-0.6
-0.8
Gate-Source Voltage (V)
5
10
20
50
-1.0
-2.0
-3.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com