Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD55008S Datasheet(PDF) 4 Page - STMicroelectronics

Part # XPD55008S
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XPD55008S Datasheet(HTML) 4 Page - STMicroelectronics

  XPD55008S Datasheet HTML 1Page - STMicroelectronics XPD55008S Datasheet HTML 2Page - STMicroelectronics XPD55008S Datasheet HTML 3Page - STMicroelectronics XPD55008S Datasheet HTML 4Page - STMicroelectronics XPD55008S Datasheet HTML 5Page - STMicroelectronics XPD55008S Datasheet HTML 6Page - STMicroelectronics XPD55008S Datasheet HTML 7Page - STMicroelectronics XPD55008S Datasheet HTML 8Page - STMicroelectronics XPD55008S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PD55008 - PD55008S
4/10
Output Power vs. Input Power
0
0.1 0.2
0.3
0.4
0.5
0.6 0.7
0.8
0.9
Pin, INPUT POWER (W)
0
2
4
6
8
10
12
14
VDD =12.5 V
IDQ=150 mA
480 MHz
500 MHz
520 MHz
Power Gain vs. Output Power
0
246
8
10
12
Pout, OUTPUT POWER (W)
6
8
10
12
14
16
18
20
22
VDD =12.5 V
IDQ=150 mA
480 MHz
500 MHz
520 MHz
Drain Efficiency vs. Output Power
0
246
8
10
12
Pout, OUTPUT POWER (W)
0
10
20
30
40
50
60
70
80
VDD=12.5V
IDQ=150 mA
480 MHz
500MHz
520 MHz
Input Return Loss vs. Output Power
0
246
8
10
12
Pout, OUTPUT POWER (W)
-40
-30
-20
-10
0
VDD=12.5 V
IDQ=150mA
480 MHz
500 MHz
520 MHz
Output Power vs. Bias Current
0
100 200
300
400
500 600
700
800
IDQ, BIAS CURRENT (mA)
0
2
4
6
8
10
12
VDD=12.5V
Pin=21.7dBm
480 MHz
500 MHz
520 MHz
Drain Efficiency vs. Bias Current
0
100
200
300
400
500
600
700
800
IDQ, BIAS CURRENT (mA)
10
20
30
40
50
60
70
VDD=12.5 V
Pin=21.7 dBm
480 MHz
500MHz
520 MHz
TYPICAL PERFORMANCE
PD55008



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com