Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM Datasheet(PDF) 2 Page - API Technologies Corp

Part # PSM
Description  Surface Mount Low Pass Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

PSM Datasheet(HTML) 2 Page - API Technologies Corp

  PSM Datasheet HTML 1Page - API Technologies Corp PSM Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Surface Mount Low Pass Filters
PSM Series
.630
(16.0)
.069
(1.75)
.295
(7.50)
.157
(4.00)
.079
(2.00)
.059
(1.50)
.320
(8.13)
.150
(3.81)
.013
(0.33)
.315
(8.00)
.133
(3.38)
.059
(1.50)
.040
(1.00)
min.
Solder paste pattern
Recommended pad,
must be able to support
continuous signal current
X = 0.350" minimum for 1 oz. copper
(0.036 mm thickness)
X = 0.200" minimum for 2 oz. copper
(0.071 mm thickness)
For low current (10 Amp or less)
X = 0.130" minimum for 1 oz. copper
(0.036 mm thickness for 10 Amp
and 0.5 oz. copper - 0.018 mm
thickness for 5 Amp or less)
Dimensions in inches
(mm)
X
.285
(7.25)
.050
(1.27)
.100
(2.54)
.125
(3.20)
.070
(1.75)
0.10
(2.54)
.065
(1.65)
120°
Technical Notes
s
Soldering recommendations supplied upon request
s
Reflow temperature limit is 250°C
s
Unit weight is approximately 0.4 grams
s
Tape and reel packaging available for automated assembly
PSM Tape and Reel Packaging
Dimensions in inches
(mm)
Code
680M
101M
131P
471P
821M
102M
152M
252P
402Z
103Z**
PSM Ordering Information
Example:
PSM4-402Z-20T0
PSM
4-
402Z -
20
T0
Style
PSM (Power)
Capacitance
Circuit
Configuration
1-Pi
4-Feed-through
Current
Rating
10-10Amps
(Pi)
20-20Amps
(Feed-through)
* Othercapacitancevalues
available as special order.
** Available in Feed-through circuit only.
Packaging
T-Tapeandreel
packaging
B-Bulkpackaging
Value*
68 pF
100 pF
130 pF
470 pF
820 pF
1000 pF
1500 pF
2500 pF
4000 pF
.01 µF
Tolerance
±20%
±20%
+100/-0%
+100/-0%
±20%
±20%
±20%
+100/-0%
+80/20%
+80/-20%
TapeandReel
0 - 500pieces
2- 2,000pieces
Note:Tapeandreel
packaging-
500pieces(7")
and2,000
pieces(13")
¦
Also available through API’s
authorized distributors.
PSM Recommended Board Pattern
SM15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com