Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP30-270 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TP30-270
Description  TRISILTM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TP30-270 Datasheet(HTML) 1 Page - STMicroelectronics

  TP30-270 Datasheet HTML 1Page - STMicroelectronics TP30-270 Datasheet HTML 2Page - STMicroelectronics TP30-270 Datasheet HTML 3Page - STMicroelectronics TP30-270 Datasheet HTML 4Page - STMicroelectronics TP30-270 Datasheet HTML 5Page - STMicroelectronics TP30-270 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP30-xxx Series
®
BIDIRECTIONAL CROWBAR PROTECTION.
VOLTAGE RANGE: FROM 62 V TO 270 V.
HOLDING CURRENT :
IH = 150 mA min.
REPETITIVE PEAK PULSE CURRENT :
IPP = 30 A, 10/1000
µs.
JEDEC REGISTERED PACKAGE OUTLINE
FEATURES
F126
(JEDEC DO-204AC)
The TP30-xxx series has been designed to protect
telecommunication equipment against lightning
surges and overvoltages induced by AC power
lines.
DESCRIPTION
SCHEMATIC DIAGRAM
TRISIL
TM
November 1998 - Ed: 5A
COMPLIES WITH THE
FOLLOWING STANDARDS:
Peak Surge
Voltage
(V)
Voltage
Waveform
(
µs)
Current
Waveform
(
µs)
Admissible
Ipp
(A)
Necessary
Resistor
(
Ω)
(CCITT) ITU-K20
1000
10/700
5/310
25
-
(CCITT) ITU-K17
1500
10/700
5/310
38
-
VDE0433
2000
10/700
5/310
40
10
VDE0878
2000
1.2/50
1/20
50
-
IEC-1000-4-5
level 2
level 3
10/700
1.2/50
5/310
8/20
25
50
-
-
FCC Part 68, lightning surge
type A
1500
800
10/160
10/560
10/160
10/560
65
50
15.5
8.0
FCC Part 68, lightning surge
type B
1000
9/720
5/320
25
-
BELLCORE TR-NWT-001089
First level
2500
1000
2/10
10/1000
2/10
10/1000
125
30
15.0
23.3
BELLCORE TR-NWT-001089
Second level
5000
2/10
2/10
125
15.0
CNET l31-24
1000
0.5/700
0.8/310
25
-
1/6


Similar Part No. - TP30-270

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TP3005 MOTOROLA-TP3005 Datasheet
110Kb / 4P
UHF POWER TRANSISTOR NPN SILICON
TP3006 MOTOROLA-TP3006 Datasheet
125Kb / 6P
RF POWER TRANSISTOR NPN SILICON
logo
Topstek Inc.
TP300A TOPSTEK-TP300A Datasheet
106Kb / 2P
Topstek Current Transducers
logo
Toppower Electronic Tec...
TP300DF TOPPOWER-TP300DF Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
TP300DF24S12 TOPPOWER-TP300DF24S12 Datasheet
656Kb / 3P
300W~400W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Similar Description - TP30-270

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LS5018B STMICROELECTRONICS-LS5018B Datasheet
47Kb / 5P
TRISILTM
Sep-1998
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
SMP30-XXX STMICROELECTRONICS-SMP30-XXX Datasheet
59Kb / 6P
TRISILTM
SMTHBT200 STMICROELECTRONICS-SMTHBT200 Datasheet
56Kb / 6P
TRISILTM FOR LINE CARD PROTECTION
Aug-1999
SMTHDTXX STMICROELECTRONICS-SMTHDTXX Datasheet
47Kb / 6P
TRISILTM DISCRETE SOLUTION FOR ISDN PROTECTION
Apr-1999
SMTPB STMICROELECTRONICS-SMTPB Datasheet
55Kb / 5P
TRISILTM
Aug-1999
SMP100LC STMICROELECTRONICS-SMP100LC Datasheet
108Kb / 10P
TRISILTM FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com