Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-352J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-352J
Description  5.0 A maximum peak output current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-352J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-352J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-352J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Avago Technologies
- 2 -
ACPL-352J
Data Sheet
Functional Diagram
Functional Diagram
12
SHIELD
SHIELD
D
R
I
V
E
R
OC
VDD2
VOUTP/CLAMP
VSS2
VDD1
VSS1
FAULT
ANODE
CATHODE
SS
7
6, 8
5
11
9
14
13
UVLO
LED1
LED2
VS
VOUTN
10
16
DESAT
Driv e Logic
& Ov erlap
Protection
UVLO
Clamp
Logic
GFAULT
2
3
4
1
Gate
Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com