Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-796J Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-796J
Description  Optically Isolated Sigma-Delta Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-796J Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-796J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-796J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Pin Configuration and Descriptions
VDD1
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VIN+
VIN–
GND1
NC
NC
VDD1
GND1
GND2
NC
VDD2
MCLKIN
NC
MDAT
NC
GND2
ACPL-796J
Figure 2. Pin configuration.
Table 1. Pin descriptions.
Pin No.
Symbol
Description
1, 7
VDD1
Supply voltage for signal input side (analog side), relative to GND1
2VIN+
Positive analog input, recommended input range ±200 mV
3VIN–
Negative analog input, recommended input range ±200 mV (normally connected to GND1)
4, 8
GND1
Supply ground for signal input side
5, 6, 10, 12, 15
NC
No connection. Leave floating
9, 16
GND2
Supply ground for data output side (digital side)
11
MDAT
Modulator data output
13
MCLKIN
Modulator clock input, 5 MHz to 20 MHz
14
VDD2
Supply voltage for data output side, relative to GND2
Table 2. Ordering Information
ACPL-796J is UL recognized with 5000 Vrms/1 minute rating per UL 1577.
Part number
Option
(RoHS Compliant)
Package
Surface Mount
Tape& Reel
IEC/EN/DIN EN
60747-5-5
Quantity
ACPL-796J
-000E
SO-16
X
45 per tube
-060E
X
X
45 per tube
-500E
X
X
850 per reel
-560E
X
X
X
850 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example:
ACPL-796J-560E to order product of Surface Mount package in Tape and Reel packaging with IEC/EN/DIN EN 60747-5-5
Safety Approval and RoHS compliance.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com